Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2280 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2280
Description  100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2280 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2280 Datasheet HTML 1Page - Cypress Semiconductor CY2280 Datasheet HTML 2Page - Cypress Semiconductor CY2280 Datasheet HTML 3Page - Cypress Semiconductor CY2280 Datasheet HTML 4Page - Cypress Semiconductor CY2280 Datasheet HTML 5Page - Cypress Semiconductor CY2280 Datasheet HTML 6Page - Cypress Semiconductor CY2280 Datasheet HTML 7Page - Cypress Semiconductor CY2280 Datasheet HTML 8Page - Cypress Semiconductor CY2280 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY2280
Document #: 38-07207 Rev. *A
Page 4 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage .................................................–0.5 to + 7.0V
Input Voltage ............................................ –0.5V to VDD + 0.5
Storage Temperature (Non-Condensing) ... –65
°C to +150°C
Junction Temperature ............................................... +150
°C
Package Power Dissipation.............................................. 1W
Static Discharge Voltage........................................... > 2000V
(per MIL-STD-883, Method 3015, like VDD pins tied together)
Operating Conditions[4]
Parameter
Description
Min.
Max.
Unit
AVDD, VDDPCI,
VDDUSB, VDDREF
Analog and Digital Supply Voltage
3.135
3.465
V
VDDCPU
CPU Supply Voltage
2.375
2.625
V
VDDAPIC
APIC Supply Voltage
2.375
2.625
V
TA
Operating Temperature, Ambient
0
70
°C
CL
Max. Capacitive Load on
CPUCLK
PCICLK
APIC, REF
USB
20
30
20
20
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
tPU
Power-up time for all VDD's to reach minimum specified voltage (power
ramps must be monotonic)
0.05
50
ms
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Inputs[5]
2.0
V
VIL
Low-level Input Voltage
Except Crystal Inputs[5]
0.8
V
VOH
High-level Output Voltage[6] VDDCPU = VDDAPIC = 2.375V
IOH = 12 mA CPUCLK
2.0
V
IOH = 18 mA APIC
VOL
Low-level Output Voltage[6] VDDCPU = VDDAPIC = 2.375V
IOL = 12 mA CPUCLK
0.4
V
IOL = 18 mA APIC
VOH
High-level Output Voltage[6] VDDPCI, AVDD, VDDREF, VDDUSB = 3.135V IOH = 14.5 mA PCICLK
2.4
V
IOH = 16 mA USBCLK
IOH = 16 mA REF
VOL
Low-level Output Voltage[6] VDDPCI, AVDD, VDDREF, VDDUSB= 3.135V IOL = 9.4 mA PCICLK
0.4V
V
IOL = 9 mA
USBCLK
IOL = 9 mA
REF
IIH
Input High Current
VIH = VDD
–10
+10
µA
IIL
Input Low Current
VIL = 0V
10
µA
IOZ
Output Leakage Current
Three-state
–10
+10
µA
IDD25
Power Supply Current for
2.5V Clocks[6]
VDDCPU = 2.625V, VIN = 0 or VDD, Loaded Outputs, CPU = 66.6 MHz
70
mA
IDD25
Power Supply Current for
2.5V Clocks[6]
VDDCPU = 2.625V, VIN = 0 or VDD, Loaded Outputs, CPU = 100 MHz
100
mA
IDD33
Power Supply Current for
3.3V Clocks[6]
VDD = 3.465V, VIN = 0 or VDD, Loaded Outputs
170
mA
IDDS
Power-down Current[6]
Current draw in power-down state
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com