Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574 Datasheet(PDF) 21 Page - ON Semiconductor

Part # LM2574
Description  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LM2574 Datasheet HTML 17Page - ON Semiconductor LM2574 Datasheet HTML 18Page - ON Semiconductor LM2574 Datasheet HTML 19Page - ON Semiconductor LM2574 Datasheet HTML 20Page - ON Semiconductor LM2574 Datasheet HTML 21Page - ON Semiconductor LM2574 Datasheet HTML 22Page - ON Semiconductor LM2574 Datasheet HTML 23Page - ON Semiconductor LM2574 Datasheet HTML 24Page - ON Semiconductor LM2574 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LM2574, NCV2574
www.onsemi.com
21
R2
15 k
Z1
1N5242
R1
15 k
Q1
2N3904
R3
68 k
Cin
22
mF
LM2574−XX
5
2
and
4
3
Gnds
Pins
ON/OFF
+Vin
+Vin
-Vout
NOTE: This picture does not show the complete circuit (see Figure 27).
Figure 34. Undervoltage Lockout Circuit for
Buck−Boost Converter
(5)
(12)
(4)
and
(6)
Adjustable Output, Low−Ripple Power Supply
A 0.5 A output current capability power supply that
features an adjustable output voltage is shown in Figure 35.
This regulator delivers 0.5 A into 1.2 to 35 V output. The
input voltage ranges from roughly 3.0 to 40 V. In order to
achieve a 10 or more times reduction of output ripple, an
additional L−C filter is included in this circuit.
D1
1N5819
L1
150
mH
Output
7
1
Feedback
R2
50 k
R1
1.1 k
L2
20
mH
Output
Voltage
1.2 to 35 V @ 0.5 A
Optional Output
Ripple Filter
40 V Max
Unregulated
DC Input
Cout
1000
mF
C1
100
mF
Cin
22
mF
LM2574−ADJ
5
3
4ON/OFF
Pwr
Gnd
+Vin
2
Sig
Gnd
Figure 35. 1.2 to 35 V Adjustable 500 mA Power Supply with Low Output Ripple
(12)
(5)
(3)
(14)
(6)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com