Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2574
Description  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574 Datasheet(HTML) 3 Page - ON Semiconductor

  LM2574 Datasheet HTML 1Page - ON Semiconductor LM2574 Datasheet HTML 2Page - ON Semiconductor LM2574 Datasheet HTML 3Page - ON Semiconductor LM2574 Datasheet HTML 4Page - ON Semiconductor LM2574 Datasheet HTML 5Page - ON Semiconductor LM2574 Datasheet HTML 6Page - ON Semiconductor LM2574 Datasheet HTML 7Page - ON Semiconductor LM2574 Datasheet HTML 8Page - ON Semiconductor LM2574 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM2574, NCV2574
www.onsemi.com
3
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics).
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Supply Voltage
Vin
40
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable
version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25°C, for min/max values
TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
LM2574−3.3 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25°C)
Vout
3.234
3.3
3.366
V
Output Voltage (4.75 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
3.168
3.3
3.432
TJ = −40 to +125°C
3.135
−
3.465
Efficiency (Vin = 12 V, ILoad = 0.5 A)
η
−
72
−
%
LM2574−5 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25°C)
Vout
4.9
5.0
5.1
V
Output Voltage (7.0 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
4.8
5.0
5.2
TJ = −40 to +125°C
4.75
5.25
Efficiency (Vin = 12 V, ILoad = 0.5 A)
η
−
77
−
%
LM2574−12 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 25 V, ILoad = 100 mA, TJ = 25°C)
Vout
11.76
10
12.24
V
Output Voltage (15 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
11.52
12
12.48
TJ = −40 to +125°C
11.4
−
12.6
Efficiency (Vin = 15 V, ILoad = 0.5 A)
η
−
88
−
%
LM2574−15 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 30 V, ILoad = 100 mA, TJ = 25°C)
Vout
14.7
15
15.3
V
Output Voltage (18 V < Vin < 40 V, 0.1 A < ILoad < 0.5 A)
Vout
V
TJ = 25°C
14.4
15
15.6
TJ = −40 to +125°C
14.25
15.75
Efficiency (Vin = 18 V, ILoad = 0.5 A)
η
−
88
−
%
LM2574 ADJUSTABLE VERSION ([Note 1] Test Circuit Figure 16)
Feedback Voltage Vin = 12 V, ILoad = 100 mA, Vout = 5.0 V, TJ = 25°C
VFB
1.217
1.23
1.243
V
Feedback Voltage 7.0 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A, Vout = 5.0
V
VFBT
V
TJ = 25°C
1.193
1.23
1.267
TJ = −40 to +125°C
1.18
1.28
Efficiency (Vin = 12 V, ILoad = 0.5 A, Vout = 5.0 V)
η
−
77
−
%
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance.
When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section
of the Electrical Characteristics.
2. Tested junction temperature range for the LM2574, NCV2574: Tlow = −40°C Thigh = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com