Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C30 Datasheet(PDF) 38 Page - Motorola, Inc

Part # BZX79C30
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C30 Datasheet(HTML) 38 Page - Motorola, Inc

Back Button BZX79C30 Datasheet HTML 34Page - Motorola, Inc BZX79C30 Datasheet HTML 35Page - Motorola, Inc BZX79C30 Datasheet HTML 36Page - Motorola, Inc BZX79C30 Datasheet HTML 37Page - Motorola, Inc BZX79C30 Datasheet HTML 38Page - Motorola, Inc BZX79C30 Datasheet HTML 39Page - Motorola, Inc BZX79C30 Datasheet HTML 40Page - Motorola, Inc BZX79C30 Datasheet HTML 41Page - Motorola, Inc BZX79C30 Datasheet HTML 42Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-134
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.2 Max @ IF = 1 A for all types)
JEDEC
Nominal
Zener
Voltage
Test
Max Zener Impedance
Max Reverse
Leakage Current
Max
Surge
Max Voltage
Maximum
Regulator
Current
JEDEC
Type No.
(Note 1)
Voltage
VZ @ IZT
Volts
(Note 2)
Test
Current
IZT
mA
ZZT @IZT
Ohms
(Note 2)
ZZK @ IZK = 1 mA
Ohms
(Note 2)
IR
µA
VR
Volts
@
Surge
Current
ir, Amps
(Note 3)
Max Voltage
Regulation
∆VZ, Volt
(Note 4)
Current
IZM
mA
(Note 5)
1N5333B
3.3
380
3
400
300
1
20
0.85
1440
1N5334B
3.6
350
2.5
500
150
1
18.7
0.8
1320
1N5335B
3.9
320
2
500
50
1
17.6
0.54
1220
1N5336B
4.3
290
2
500
10
1
16.4
0.49
1100
1N5337B
4.7
260
2
450
5
1
15.3
0.44
1010
1N5338B
5.1
240
1.5
400
1
1
14.4
0.39
930
1N5339B
5.6
220
1
400
1
2
13.4
0.25
865
1N5340B
6
200
1
300
1
3
12.7
0.19
790
1N5341B
6.2
200
1
200
1
3
12.4
0.1
765
1N5342B
6.8
175
1
200
10
5.2
11.5
0.15
700
1N5343B
7.5
175
1.5
200
10
5.7
10.7
0.15
630
1N5344B
8.2
150
1.5
200
10
6.2
10
0.2
580
1N5345B
8.7
150
2
200
10
6.6
9.5
0.2
545
1N5346B
9.1
150
2
150
7.5
6.9
9.2
0.22
520
1N5347B
10
125
2
125
5
7.6
8.6
0.22
475
1N5348B
11
125
2.5
125
5
8.4
8
0.25
430
1N5349B
12
100
2.5
125
2
9.1
7.5
0.25
395
1N5350B
13
100
2.5
100
1
9.9
7
0.25
365
1N5351B
14
100
2.5
75
1
10.6
6.7
0.25
340
1N5352B
15
75
2.5
75
1
11.5
6.3
0.25
315
1N5353B
16
75
2.5
75
1
12.2
6
0.3
295
1N5354B
17
70
2.5
75
0.5
12.9
5.8
0.35
280
1N5355B
18
65
2.5
75
0.5
13.7
5.5
0.4
265
1N5356B
19
65
3
75
0.5
14.4
5.3
0.4
250
1N5357B
20
65
3
75
0.5
15.2
5.1
0.4
237
1N5358B
22
50
3.5
75
0.5
16.7
4.7
0.45
216
1N5359B
24
50
3.5
100
0.5
18.2
4.4
0.55
198
1N5360B
25
50
4
110
0.5
19
4.3
0.55
190
1N5361B
27
50
5
120
0.5
20.6
4.1
0.6
176
1N5362B
28
50
6
130
0.5
21.2
3.9
0.6
170
1N5363B
30
40
8
140
0.5
22.8
3.7
0.6
158
1N5364B
33
40
10
150
0.5
25.1
3.5
0.6
144
1N5365B
36
30
11
160
0.5
27.4
3.3
0.65
132
1N5366B
39
30
14
170
0.5
29.7
3.1
0.65
122
1N5367B
43
30
20
190
0.5
32.7
2.8
0.7
110
1N5368B
47
25
25
210
0.5
35.8
2.7
0.8
100
1N5369B
51
25
27
230
0.5
38.8
2.5
0.9
93
1N5370B
56
20
35
280
0.5
42.6
2.3
1
86
1N5371B
60
20
40
350
0.5
42.5
2.2
1.2
79
1N5372B
62
20
42
400
0.5
47.1
2.1
1.35
76
1N5373B
68
20
44
500
0.5
51.7
2
1.5
70
1N5374B
75
20
45
620
0.5
56
1.9
1.6
63
1N5375B
82
15
65
720
0.5
62.2
1.8
1.8
58
1N5376B
87
15
75
760
0.5
66
1.7
2
54.5
1N5377B
91
15
75
760
0.5
69.2
1.6
2.2
52.5
1N5378B
100
12
90
800
0.5
76
1.5
2.5
47.5
1N5379B
110
12
125
1000
0.5
83.6
1.4
2.5
43
1N5380B
120
10
170
1150
0.5
91.2
1.3
2.5
39.5
1N5381B
130
10
190
1250
0.5
98.8
1.2
2.5
36.6
1N5382B
140
8
230
1500
0.5
106
1.2
2.5
34
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com