Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C30 Datasheet(PDF) 41 Page - Motorola, Inc

Part # BZX79C30
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C30 Datasheet(HTML) 41 Page - Motorola, Inc

Back Button BZX79C30 Datasheet HTML 34Page - Motorola, Inc BZX79C30 Datasheet HTML 35Page - Motorola, Inc BZX79C30 Datasheet HTML 36Page - Motorola, Inc BZX79C30 Datasheet HTML 37Page - Motorola, Inc BZX79C30 Datasheet HTML 38Page - Motorola, Inc BZX79C30 Datasheet HTML 39Page - Motorola, Inc BZX79C30 Datasheet HTML 40Page - Motorola, Inc BZX79C30 Datasheet HTML 41Page - Motorola, Inc BZX79C30 Datasheet HTML 42Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-137
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
VZ, ZENER VOLTAGE (VOLTS)
1000
100
10
1
0.1
10
20
30
40
50
60
70
80
100
10
1
0.1
80
100
120
140
160
180
200
220
VZ, ZENER VOLTAGE (VOLTS)
T=25
°C
Figure 9. Zener Voltage versus Zener Current
VZ = 11 thru 75 Volts
Figure 10. Zener Voltage versus Zener Current
VZ = 82 thru 200 Volts
APPLICATION NOTE
Since the actual voltage available from a given zener diode
is temperature dependent, it is necessary to determine junc-
tion temperature under any set of operating conditions in order
to calculate its value. The following procedure is recom-
mended:
Lead Temperature, TL, should be determined from:
TL = θLA PD + TA
θLA is the lead-to-ambient thermal resistance and PD is the
power dissipation.
Junction Temperature, TJ, may be found from:
TJ = TL + ∆TJL
∆TJL is the increase in junction temperature above the lead
temperature and may be found from Figure 4 for a train of
power pulses or from Figure 5 for dc power.
∆TJL = θJL PD
For worst-case design, using expected limits of IZ, limits of
PD and the extremes of TJ (∆TJ) may be estimated. Changes
in voltage, VZ, can then be found from:
∆V = θVZ ∆TJ
θVZ,thezenervoltagetemperaturecoefficient,isfoundfrom
Figures 2 and 3.
Under high power-pulse operation, the zener voltage will
vary with time and may also be affected significantly by the
zener resistance. For best regulation, keep current excursions
as low as possible.
Data of Figure 4 should not be used to compute surge capa-
bility. Surge limitations are given in Figure 6. They are lower
than would be expected by considering only junction tempera-
ture, as current crowding effects cause temperatures to be ex-
tremely high in small spots resulting in device degradation
should the limits of Figure 6 be exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com