Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3606 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF3606
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3606 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF3606 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 4Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 5Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.goodark.com
Page 2 of 6
Rev.1.0
SSF3606
30V N-Channel MOSFET
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
1.3
1.7
2.5
V
VGS=4.5V, ID=11.5A
6.4
8.5
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=15A
4.8
6
mΩ
Forward Transconductance
gFS
VDS=5V,ID=11A
25
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
3100
PF
Output Capacitance
Coss
550
PF
Reverse Transfer Capacitance
Crss
VDS=15V,VGS=0V,
F=1.0MHz
300
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
19
nS
Turn-on Rise Time
tr
11
nS
Turn-Off Delay Time
td(off)
60
nS
Turn-Off Fall Time
tf
VDS=15V,VGS=10V,RGEN=6Ω
ID=1A
25
nS
Total Gate Charge
Qg
50
nC
Gate-Source Charge
Qgs
8
nC
Gate-Drain Charge
Qgd
VDS=15V,ID=15A,VGS=10V
15
nC
Body Diode Reverse Recovery Time
Trr
20
nS
Body Diode Reverse Recovery Charge
Qrr
IF=15A, dI/dt=100A/µs
5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=2.8A
0.75
1.2
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in
2 FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com