Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3606 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF3606
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3606 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF3606 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 4Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 5Page - GOOD-ARK Electronics SSF3606 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.goodark.com
Page 1 of 6
Rev.1.0
SSF3606
30V N-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
SSF3606
SSF3606
SOP-8
Ø330mm
12mm
2500 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
ID(25℃)
15
A
ID(70℃)
12.5
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
60
A
Maximum Power Dissipation
PD
2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
62.5
℃/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
30
V
GENERAL FEATURES
● VDS = 30V,ID =15A
RDS(ON) < 8.5mΩ @ VGS=4.5V
RDS(ON) < 6mΩ @ VGS=10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
DESCRIPTION
The SSF3606 uses advanced trench
technology to provide excellent RDS(ON)
and low gate charge .This device is
suitable for use as a load switch or in
PWM applications.
APPLICATIONS
●PWM applications
●Load switch
●Power management
Schematic Diagram
Marking and Pin Assignment
SOP-8 Top View
D
G
S


Similar Part No. - SSF3606

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3606 SILIKRON-SSF3606 Datasheet
414Kb / 7P
PWM applications
logo
GOOD-ARK Electronics
SSF3606 GOOD-ARK-SSF3606_15 Datasheet
726Kb / 6P
30V N-Channel MOSFET
More results

Similar Description - SSF3606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com