Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C64 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
15
September 21, 2004
When an interrupt request flag is set before entering the
²HALT² status, the system cannot be awakened using
that interrupt.
If wake-up events occur, it takes 1024 tSYS (system
clock period) to resume normal operation. In other
words, a dummy period is inserted after the wake-up. If
the wake-up results from an interrupt acknowledgment,
the actual interrupt subroutine execution is delayed by
more than one cycle. However, if the wake-up results in
the next instruction execution, the execution will be per-
formed immediately after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which reset may occur.
· RES is reset during normal operation
· RES is reset during HALT
· WDT time-out is reset during normal operation
The WDT time-out during HALT differs from other chip
reset conditions, for it can perform a
²warm reset² that
resets only the PC and SP and leaves the other circuits
at their original state. Some registers remain unaffected
during any other reset conditions. Most registers are re-
set to the
²initial condition² once the reset conditions are
met. Examining the PDF and TO flags, the program can
distinguish between different
²chip resets².
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES Wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT Wake-up HALT
Note:
²u² stands for unchanged
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem awakes from the HALT state or during power up.
Awaking from the HALT state or system power-up, the
SST delay is added.
An extra SST delay is added during the power-up pe-
riod, and any wake-up from HALT may enable only the
SST delay.
The functional unit chip reset status is shown below.
PC
000H
Interrupt
Disabled
Prescaler, Divider
Cleared
WDT, RTC, Time Base
Cleared. After master reset,
WDT starts counting
Timer/event Counter
Off
Input/output Ports
Input mode
SP
Points to the top of the stack
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
t S S T
Reset Timing Chart
W D T
H A L T
W D T
T i m e - o u t
R e s e t
E x t e r n a l
R E S
C o l d
R e s e t
P o w e r - o n D e t e c t i o n
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
W a r m R e s e t
Reset Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com