Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C64 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
19
September 21, 2004
tions. Only one PFD (PFD0 or PFD1) can be applied to
PA3 by options. If PA3 is set as PFD output, there are
two types of selections; One is PFD0 as the PFD output,
the other is PFD1 as the PFD output. PFD0, PFD1 are
the timer overflow signals of the Timer/Event Counter 0,
Timer/Event Counter 1 respectively. No matter what the
operation mode is, writinga0to ET0I or ET1I disables
the related interrupt service. When the PFD function is
selected, executing
²SET [PA].3² instruction to enable
PFD output and executing
²CLR [PA].3² instruction to
disable PFD output.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register also re-
loads that data to the timer/event counter. But if the
timer/event counter is turn on, data written to the
timer/event counter is kept only in the timer/event coun-
ter preload register. The timer/event counter still contin-
ues its operation until an overflow occurs.
When the timer/event counter (reading TMR0/TMR1) is
read, the clock is blocked to avoid errors, as this may re-
sults in a counting error. Blocking of the clock should be
taken into account by the programmer. It is strongly rec-
ommended to load a desired value into the TMR0/TMR1
register first, before turning on the related timer/event
counter, for proper operation since the initial value of
TMR0/TMR1 is unknown. Due to the timer/event coun-
ter scheme, the programmer should pay special atten-
tion on the instruction to enable then disable the timer
for the first time, whenever there is a need to use the
timer/event counter function, to avoid unpredictable re-
sult. After this procedure, the timer/event function can
be operated normally.
The bit0~bit2 of the TMR0C can be used to define the
pre-scaling stages of the internal clock sources of
timer/event counter 0. The definitions are as shown. The
overflow signal of timer/event counter can be used to
generate the PFD signal. The timer prescaler is also
used as the PWM counter.
Input/Output Ports
There are 24 bidirectional input/output lines in the
microcontroller, labeled as PA, PB and PD, which are
mapped to the data memory of [12H], [14H] and [18H]
respectively. All of these I/O ports can be used for input
and output operations. For input operation, these ports
are non-latching, that is, the inputs must be ready at the
T2 rising edge of instruction
²MOV A,[m]² (m=12H, 14H
or 18H). For output operation, all the data is latched and
remains unchanged until the output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PDC) to control the input/output configuration. With this
control register, CMOS output or Schmitt Trigger input
with or without pull-high resistor structures can be re-
configured dynamically under software control. To func-
tion as an input, the corresponding latch of the control
register must write
²1². The input source also depends
on the control register. If the control register bit is
²1²,
the input will read the pad state. If the control register bit
is
²0², the contents of the latches will move to the inter-
nal bus. The latter is possible in the
²read-modify-write²
instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H or
18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device.
Each I/O port has a pull-high option. Once the pull-high
option is selected, the I/O port has a pull-high resistor,
otherwise, there
¢s none. Take note that a non-pull-high
I/O port operating in input mode will cause a floating
state.
The PA3 is pin-shared with the PFD signal. If the PFD
option is selected, the output signal in output mode of
PA3 will be the PFD signal generated by timer/event
counter overflow signal. The input mode always retain
its original functions. Once the PFD option is selected,
the PFD output signal is controlled by PA3 data register
only. Writing
²1² to PA3 data register will enable the PFD
output function and writing 0 will force the PA3 to remain
at
²0². The I/O functions of PA3 are shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PA3
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note:
The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The PA0, PA1, PA3, PD4, PD5, PD6 and PD7 are
pin-shared with BZ, BZ, PFD, INT0, INT1, TMR0 and
TMR1 pins respectively.
The PA0 and PA1 are pin-shared with BZ and BZ signal,
respectively. If the BZ/BZ option is selected, the output
signal in output mode of PA0/PA1 will be the buzzer sig-
nal generated by multi-function timer. The input mode
always remain in its original function. Once the BZ/BZ
option is selected, the buzzer output signal are con-
trolled by the PA0, PA1 data register only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com