Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K629A Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
HT82K629A
Rev. 1.30
17
April 16, 2004
Key Number and Symbol
HID Page HID Code
Key Number and Symbol
HID Page HID Code
*4
- 104 Keyboard Only
*5
- 105 Keyboard Only
*B
- 107 Keyboard Only
*J
- 109 Keyboard Only
Key Number and Symbol
HID Page
HID Code
131 (*J)
Japanese J131
07
8B
132 (*J)
Japanese J132
07
8A
133 (*J)
Japanese J133
07
88
150
Korea KC-L, Key_Hangul
07
90
151
Korea KC-R, Key_Hanja
07
91
ACPI
Power
01
81
ACPI
Sleep
01
82
ACPI
Wake-up
01
83
Windows Key
L WIN
07
E3
Windows Key
R WIN
07
E7
Windows Key
APP
07
65
Multimedia Key Number and Symbol
HID Page
HID Code
E-Mail
0C
018A
WWW Home
0C
0223
WWW Favorites
0C
022A
WWW Search
0C
0221
WWW Refresh
0C
0227
WWW Stop
0C
0226
WWW Forward
0C
0225
WWW Back
0C
0224
Media
0C
0183
Play/Pause
0C
00CD
CD Stop
0C
00B7
Prev Track
0C
00B6
Next Track
0C
00B5
Volume+
0C
00E9
Volume-
0C
00EA
Mute
0C
00E2
My Computer
0C
0194
Calculator
0C
0192
The following keys need a driver
Explorer (Internet Browser)
0C
0196
Screen Save
0C
019E
Record
0C
00B2
Rewind
0C
00B4
Minimize
0C
0206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com