Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K629A Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Function Key Usage
Status
Key
Location
Fn
Num
Lock
Fn
Num
Lock
Fn
Num
Lock
Fn
Num
Lock
OFF
OFF
ON
OFF
OFF
ON
ON
ON
7
&7
Home
7
7
8*8
­
88
9
(9
PgUp
9
9
0)0
*
*
0
UU
¬
4U
II
5
I
OO
®
6O
PP
-
-
P
J
J
End
1
J
KK
¯
2K
L
L
PgDn
3
L
:;
:;
+
+
:;
M
M
Ins
0
M
>.
>.
Del
.
>.
?/
?/
/
/
?/
Enter
Enter (L)
Enter(R)
Enter(R)
Enter(L)
F1/F11
F1
F11
F1
F11
F2/F12
F2
F12
F2
F12
F10/
ScrLock
F10
ScrLock
F10
ScrLock
­/PgUp
­
Page Up
­
Page Up
¯/PgDn
¯
Page Down
¯
Page Down
¬/Home
¬
Home
¬
Home
®/End
®
End
®
End
HT82K629A
Rev. 1.30
18
April 16, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com