Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMA-C-R010-5 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # PMA-C-R010-5
Description  Precision Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

PMA-C-R010-5 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  PMA-C-R010-5 Datasheet HTML 1Page - RHOPOINT COMPONENTS PMA-C-R010-5 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Spec Sheet R501-1/2 01/99
Temperature dependence of the electrical resistance
of ISA-PLAN resistors
power derating curve
Remarks:
- Standard resistance values according to E12 with the additional values of 2 and 5
- Minimum quantity of other values on request
This resistor has been developed especially for current
sense applications in SMD-power modules.
The PMA has been designed for flip-chip mounting on the
pc-board. All standard soldering processes like reflow-,
infrared-, vapor phase-, dip- and wave-soldering can be
used.
The heat which is generated by the measuring current is
conducted very efficiently to the pc-board via the heat
conductive substrate and the solder joints.
pad size (bottom view)
Precision Resistor Type PMA
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
Technical data
resistance range
2mOhm - 500mOhm
tolerances
1%, 5%
temperature coefficient tcr ( R > 20mOhm )
< ±30ppm/K ( 20°C to 60°C )
applicable temperature range
-55°C to +125°C
load capacity
3W
thermal resistance to ambiente
Rth < 10K/W
dielectric withstanding voltage
100VAC
inductance
< 10nH
stability
deviation <0.5% after 2,000h
0
20
40
60
80
100
120
140
terminal temperature T
K / [
oC]
0.25
0.5
0.75
1
P / P
Nom
stability: 1%
stability: 0.5%
reduced


Similar Part No. - PMA-C-R010-5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PMA-10 LITTELFUSE-PMA-10 Datasheet
93Kb / 1P
Panel-Mount Adapters
logo
Hamamatsu Corporation
PMA-11 HAMAMATSU-PMA-11 Datasheet
281Kb / 4P
Photonic Multichannel Spectral Analyzer Model: PMA-11
logo
Littelfuse
PMA-12 LITTELFUSE-PMA-12 Datasheet
93Kb / 1P
Panel-Mount Adapters
PMA-13 LITTELFUSE-PMA-13 Datasheet
93Kb / 1P
Panel-Mount Adapters
PMA-14 LITTELFUSE-PMA-14 Datasheet
93Kb / 1P
Panel-Mount Adapters
More results

Similar Description - PMA-C-R010-5

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com