Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1176SS Datasheet(PDF) 6 Page - International Rectifier

Part # IR1176SS
Description  SYNCHRONOUS RECTIFIER DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1176SS Datasheet(HTML) 6 Page - International Rectifier

Back Button IR1176SS Datasheet HTML 2Page - International Rectifier IR1176SS Datasheet HTML 3Page - International Rectifier IR1176SS Datasheet HTML 4Page - International Rectifier IR1176SS Datasheet HTML 5Page - International Rectifier IR1176SS Datasheet HTML 6Page - International Rectifier IR1176SS Datasheet HTML 7Page - International Rectifier IR1176SS Datasheet HTML 8Page - International Rectifier IR1176SS Datasheet HTML 9Page - International Rectifier IR1176SS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.irf.com
IR1176
Fig. 3 Gate drive characteristics and definitions
Phase Lock Loop Design Equations:
1 - Resistor to set VCO Ceter Frequency:
Rvco (KΩ) = [1E2 x Vchgpump(VDC) / fvco(KHz)] x Kvco _ dc(KHz/Volt)
Example (A): Choose Vchgpump = 1.5V, desired frequency (fvco) = 300KHz
Rvco = [1E2 x 1.5 /300] x 62 Hz = 31 KΩ
2 - Small Signal gain for VCO:
Kvco_ac (KHz/Volt) = 1E2 x Kvco_dc (KHz/Volt)/Rvco(KΩ)
Example (B): Choosing same conditions as in example A:
Kvco_ac = 1E2 x 62 / 31 = 200 KHz/volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com