Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1176SS Datasheet(PDF) 7 Page - International Rectifier

Part # IR1176SS
Description  SYNCHRONOUS RECTIFIER DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1176SS Datasheet(HTML) 7 Page - International Rectifier

Back Button IR1176SS Datasheet HTML 3Page - International Rectifier IR1176SS Datasheet HTML 4Page - International Rectifier IR1176SS Datasheet HTML 5Page - International Rectifier IR1176SS Datasheet HTML 6Page - International Rectifier IR1176SS Datasheet HTML 7Page - International Rectifier IR1176SS Datasheet HTML 8Page - International Rectifier IR1176SS Datasheet HTML 9Page - International Rectifier IR1176SS Datasheet HTML 10Page - International Rectifier IR1176SS Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
IR1176
Fig. 4 PLL loop filter component definitions
4 -PLL Dampi
ng f
actorcalculations:
P =
ππE-3 x Rf (KOhms) x C(nF) x fn(KHz)
TypicalvalueforPis0.707.(Criticallydamped)
5 -Advanceti
m i
ng:
Tadv(nsec) = RADV (KOhms)*10 - 10
W here RADV isresistancefrom RADV1 orRADV2 toground.
Exampl
e C:RADV=10Kohms willr
esulti
n Tadv=10*10-10=90nsec.
6-Dead ti
me calculations:
Td(nsec)=0.69*Rdt(KOhms)*Cdt(pF) + 5
(For Vdd=5 V)
W hereRdt is resistance between pins DTIN1 and DTOUT1 or DTIN2 and
DTOUT2.Cdtiscapacitancefrom DTIN1 or DTIN2 t
oground.
3 -PLL Naturalfrequency:
ω
ωn =2ππfn(KHz)=
√√ Ichpump(uA) x Kvco_ac(KHz/V) / C(nF)
Choose Cfsuchthat
Cf=C/16
+ 6=106 nsec.
Example D: Rd=2KW and Cdt=100pF will result in Td=148.35nsec.
+ 6
Td(nsec)=0.69*Cdt(pF)*(Rdt(KΩ)+0.15) (For Vdd=5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com