Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLMS1503 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS1503
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS1503 Datasheet(HTML) 1 Page - International Rectifier

  IRLMS1503 Datasheet HTML 1Page - International Rectifier IRLMS1503 Datasheet HTML 2Page - International Rectifier IRLMS1503 Datasheet HTML 3Page - International Rectifier IRLMS1503 Datasheet HTML 4Page - International Rectifier IRLMS1503 Datasheet HTML 5Page - International Rectifier IRLMS1503 Datasheet HTML 6Page - International Rectifier IRLMS1503 Datasheet HTML 7Page - International Rectifier IRLMS1503 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Min.
Typ.
Max
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
75
°C/W
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET® power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The Micro6
 package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of
nearly 300% compared to the SOT-23.
Description
3/17/04
l
Generation V Technology
l
Micro6 Package Style
l
Ultra Low
RDS(on)
l
N-Channel MOSFET
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.6
A
IDM
Pulsed Drain Current 
18
PD @TA = 25°C
Power Dissipation
1.7
W
Linear Derating Factor
13
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Thermal Resistance Ratings
www.irf.com
1
Micro6
IRLMS1503
HEXFET® Power MOSFET
PD - 91508D
VDSS = 30V
RDS(on) = 0.10Ω
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6


Similar Part No. - IRLMS1503

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS1503 IRF-IRLMS1503 Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
Generation V Technology
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
GENERATION V TECHNOLOGY
IRLMS1503PBF-1 IRF-IRLMS1503PBF-1 Datasheet
197Kb / 8P
Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLMS1503

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com