Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV116 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV116
Description  Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV116 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV116 Datasheet HTML 1Page - National Semiconductor (TI) LMV116 Datasheet HTML 2Page - National Semiconductor (TI) LMV116 Datasheet HTML 3Page - National Semiconductor (TI) LMV116 Datasheet HTML 4Page - National Semiconductor (TI) LMV116 Datasheet HTML 5Page - National Semiconductor (TI) LMV116 Datasheet HTML 6Page - National Semiconductor (TI) LMV116 Datasheet HTML 7Page - National Semiconductor (TI) LMV116 Datasheet HTML 8Page - National Semiconductor (TI) LMV116 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2.7V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM =VO =V
+/2, and R
F =2k
Ω, and
R
L =1k
Ω to V+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
i
n
Input-Referred Current Noise
f = 100kHz
0.75
pA/
f = 1kHz
1.20
t
on
Turn-on Time (LMV118)
250
ns
t
off
Turn-off Time (LMV118)
560
ns
TH
SD
Shut-down Threshold
(LMV118)
I
S
≤ 50µA
1.95
2.3
V
I
SD
Shutdown Pin Input Current
(LMV118)
(Note 7)
−20
µA
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, and R
F =2k
Ω, and R
L
=1k
Ω to V+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
0V
≤ V
CM
≤1.7V
±1
±5
±6
mV
TC V
OS
Input Offset Average Drift
(Note 12)
±5
µV/C
I
B
Input Bias Current
(Note 7)
−2.0
−2.2
−0.40
µA
I
OS
Input Offset Current
1
500
nA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 3.8V
77
85
dB
PSRR
Power Supply Rejection Ratio
V
+ = 5Vto6VorV− = 0V to −1V
72
95
dB
R
IN
Common Mode Input
Resistance
3M
Ω
C
IN
Common Mode Input
Capacitance
2pF
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50dB
−0.3
−0.1
4.0
V
A
VOL
Large Signal Voltage Gain
V
O = 1.5V to 3.5V
73
70
85
dB
V
O
Output Swing High
R
L =1k
Ω to V+/2
4.80
4.95
V
R
L = 10k
Ω to V+/2
4.98
Output Swing Low
R
L =1k
Ω to V+/2
200
50
mV
R
L = 10k
Ω to V+/2
20
I
SC
Output Short Circuit Current
Sourcing to V
−
V
ID = 200mV (Note 10)
35
45
mA
Sinking to V
+
V
ID = −200mV (Note 10)
35
43
I
OUT
Output Current
V
OUT = 0.5V from rails
±20
mA
I
S
Supply Current
Normal Operation
600
900
µA
Shut-down Mode (LMV118)
10
50
SR
Slew Rate (Note 8)
A
V = +1, VO =1VPP
40
V/µs
BW
−3dB BW
A
V = +1, VOUT = 200mVPP
45
MHz
e
n
Input -Referred Voltage Noise
f = 100kHz
40
nV/
f = 1kHz
60
i
n
Input-Referred Current Noise
f = 100kHz
0.75
pA/
f = 1kHz
1.20
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com