Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV116 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV116
Description  Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV116 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV116 Datasheet HTML 1Page - National Semiconductor (TI) LMV116 Datasheet HTML 2Page - National Semiconductor (TI) LMV116 Datasheet HTML 3Page - National Semiconductor (TI) LMV116 Datasheet HTML 4Page - National Semiconductor (TI) LMV116 Datasheet HTML 5Page - National Semiconductor (TI) LMV116 Datasheet HTML 6Page - National Semiconductor (TI) LMV116 Datasheet HTML 7Page - National Semiconductor (TI) LMV116 Datasheet HTML 8Page - National Semiconductor (TI) LMV116 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMV116/LMV118
Low Voltage, 45MHz, Rail-to-Rail Output Operational
Amplifiers with Shutdown Option
General Description
The LMV116 (single) rail-to-rail output voltage feedback am-
plifiers offer high speed (45MHz), and low voltage operation
(2.7V) in addition to micro-power shutdown capability
(LMV118).
Output voltage range extends to within 20mV of either sup-
ply rail, allowing wide dynamic range especially in low volt-
age applications. Even with low supply current of 600µA,
output current capability is kept at a respectable ±20mA for
driving heavier loads. Important device parameters such as
BW, Slew Rate and output current are kept relatively inde-
pendent of the operating supply voltage by a combination of
process enhancements and design architecture.
For portable applications, the LMV118 provides shutdown
capability while keeping the turn-off current to l5µA. Both
turn-on and turn-off characteristics are well behaved with
minimal output fluctuations during transitions. This allows the
part to be used in power saving mode, as well as multiplex-
ing applications. Miniature packages (SOT23-5 & SOT23-6)
are further means to ease the adoption of these low power
high speed devices in applications where board area is at a
premium.
Features
(V
S = 2.7V, TA = 25˚C, RL =1k
Ω to V+/2, A
V = +1. Typical
values unless specified).
n
−3dB BW
45MHz
n
Supply voltage range
2.7V to 12V
n
Slew rate
40V/µs
n
Supply current
600µA
n
Power down supply current
15µA
n
Output short circuit current
32mA
n
Linear output current
±20mA
n
Input common mode voltage
−0.3V to 1.7V
n
Output voltage swing
20mV from rails
n
Input voltage noise
40nV/
n
Input current noise
0.75pA/
Applications
n
High speed clock buffer/driver
n
Active filters
n
High speed portable devices
n
Multiplexing applications (LMV118)
n
Current sense amplifier
n
High speed transducer amplifier
Typical Application
20080704
Non-Inverting Clock Buffer Amplifier
October 2003
© 2003 National Semiconductor Corporation
DS200807
www.national.com


Similar Part No. - LMV116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV116 TI2-LMV116 Datasheet
936Kb / 29P
LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option
REVISED OCTOBER 2016
LMV116MF/NOPB TI1-LMV116MF/NOPB Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV116MF/NOPB TI2-LMV116MF/NOPB Datasheet
936Kb / 29P
LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option
REVISED OCTOBER 2016
LMV116MF/NOPB.A TI2-LMV116MF/NOPB.A Datasheet
936Kb / 29P
LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option
REVISED OCTOBER 2016
More results

Similar Description - LMV116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
Low-Voltage Rail-To-Rail Output Operational Amplifiers
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com