Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2430TM Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430TM Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LMX2430TM Datasheet HTML 28Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 29Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 30Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 31Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 32Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 33Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 34Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 35Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
LMX243x FinRF Input Impedance Test Setup
20053591
The block diagram above illustrates the setup required to
measure the LMX243x device’s RF input impedance. The
same setup is used for the LMX2430TM Evaluation Board.
Measuring the device’s input impedance facilitates the de-
sign of appropriate matching networks to match the PLL to
the VCO, or in more critical situations, to the characteristic
impedance of the printed circuit board (PCB) trace, to pre-
vent undesired transmission line effects. The FinIF input
impedance is evaluated in the same way.
Before the actual measurements are taken, the Network
Analyzer needs to be calibrated, i.e. the error coefficients
need to be calculated. The Network Analyzer’s calibration
standard is used to calculate these coefficients. The calibra-
tion standard includes an open, short and a matched load. A
1-port calibration is implemented here.
To calculate the coefficients, the PLL chip is first removed
from the PCB. A piece of semi-rigid coaxial cable is then
soldered to the pad on the PCB which is equivalent to the
FinRF pin on the PLL chip. Proper grounding near the ex-
posed tip of the semi-rigid coaxial cable is required for
accurate results. Note that the DC blocking capacitor is
removed for this test. The Network Analyzer port is then
connected to the other end of the semi-rigid coaxial cable. In
this way, the semi-rigid coaxial cable acts as a transmission
line. This transmission line adds electrical length and pro-
duces an offset from the reference plane of the Network
Analyzer; therefore, it must be included in the calibration.
The desired operating frequency is then set. The typical
frequency range selected for the LMX243x device’s RF syn-
thesizer is from 100 MHz to 6000 MHz.
The Network Analyzer calculates the calibration coefficients
based on the measured S
11 parameters. With this all done,
calibration is now complete.
The PLL chip is then placed on the PCB. A power supply is
then connected to Vcc. The EN, ENosc, and OSCin pins are
all tied to Vcc. Alternatively, the OSCin pin can be tied to
ground. In this setup, the complementary input (FinRF*)is
AC coupled to ground. With the Network Analyzer still con-
nected to the semi-rigid coaxial cable, the measured FinRF
impedance is displayed.
The OSCin input impedance is measured in the same way.
The impedance is measured when the oscillator buffer is
powered up (ENosc is set HIGH) and when the oscillator
buffer is powered down (ENosc pin is set LOW).
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com