Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2430TM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430TM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2430TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Electrical Characteristics (Continued)
Vcc = EN = 2.5V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
IF SYNTHESIZER PARAMETERS
I
CPoutIF
TRI
IF Charge Pump Output TRI-STATE
Current
0.5V
≤ V
CPoutIF
≤ Vcc - 0.5V
(Note 6)
-2.5
2.5
nA
I
CPoutIF
%MIS
IF Charge Pump Output Sink Current
Vs Charge Pump Output Source
Current Mismatch
V
CPoutIF = Vcc/2
(Note 7)
310
%
I
CPoutIF
%V
CPoutIF
IF Charge Pump Output Current
Magnitude Variation Vs Charge Pump
Output Voltage
0.5V
≤ V
CPoutIF
≤ Vcc - 0.5V
(Note 7)
515
%
I
CPoutIF
%T
A
IF Charge Pump Output Current
Magnitude Variation Vs Temperature
V
CPoutIF = Vcc/2
(Note 7)
2%
OSCILLATOR PARAMETERS
f
OSCin
Oscillator Operating Frequency
1
256
MHz
v
OSCin
Oscillator Sensitivity
(Note 8)
0.5
Vcc
V
PP
I
OSCin
Oscillator Input Current
V
OSCin = Vcc
100
µA
V
OSCin = 0V
-100
µA
DIGITAL INTERFACE (DATA, CLK, LE, EN, ENosc, Ftest/LD, FLoutRF, OSCout/ FLoutIF)
V
IH
High-Level Input Voltage
1.6
V
V
IL
Low-Level Input Voltage
0.4
V
I
IH
High-Level Input Current
V
IH = Vcc
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V
−1.0
µA
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC −
0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
MICROWIRE INTERFACE
t
CS
DATA to CLK Set Up Time
(Note 9)
50
ns
t
CH
DATA to CLK Hold Time
(Note 9)
10
ns
t
CWH
CLK Pulse Width HIGH
(Note 9)
50
ns
t
CWL
CLK Pulse Width LOW
(Note 9)
50
ns
t
ES
CLK to LE Set Up Time
(Note 9)
50
ns
t
EW
LE Pulse Width
(Note 9)
50
ns
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com