Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8248CVR Datasheet(PDF) 51 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 51 Page - Motorola, Inc

Back Button MPC8248CVR Datasheet HTML 47Page - Motorola, Inc MPC8248CVR Datasheet HTML 48Page - Motorola, Inc MPC8248CVR Datasheet HTML 49Page - Motorola, Inc MPC8248CVR Datasheet HTML 50Page - Motorola, Inc MPC8248CVR Datasheet HTML 51Page - Motorola, Inc MPC8248CVR Datasheet HTML 52Page - Motorola, Inc MPC8248CVR Datasheet HTML 53Page - Motorola, Inc MPC8248CVR Datasheet HTML 54Page - Motorola, Inc MPC8248CVR Datasheet HTML 55Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
51
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Package
Package
9
Package
Figure 13 shows the side profile of the PBGA package.
Figure 13. Side View of the PBGA Package Remove
Table 20 provides package parameters. Figure 14 provides the mechanical dimensions and bottom surface
nomenclature of the 516 PBGA package.
NOTE: Temperature Reflow for the VR Package
In the VR package, sphere composition is lead-free (refer to Table 2). This
requires higher temperature reflow than what is required for other
PowerQUICC II packages. Users should consult “Motorola PowerQUICC II™
Pb-Free Packaging Information” (MPC8250PBFREEPKG) available at
www.motorola.com/semiconductors.
Table 20. Package Parameters
Code
Type
Outline
(mm)
Interconnects
Pitch
(mm)
Nominal Unmounted
Height (mm)
VR, ZQ
PBGA
27 x 27
516
1
2.25
Die
Transfer molding compound
1 mm pitch
Wire bonds
attach
DIE
Ball bond
Screen-printed
solder mask
Cu substrate traces
Resin glass epoxy
Plated substrate via
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com