Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8248CZQB Datasheet(PDF) 50 Page - Motorola, Inc

Part # MPC8248CZQB
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CZQB Datasheet(HTML) 50 Page - Motorola, Inc

Back Button MPC8248CZQB Datasheet HTML 46Page - Motorola, Inc MPC8248CZQB Datasheet HTML 47Page - Motorola, Inc MPC8248CZQB Datasheet HTML 48Page - Motorola, Inc MPC8248CZQB Datasheet HTML 49Page - Motorola, Inc MPC8248CZQB Datasheet HTML 50Page - Motorola, Inc MPC8248CZQB Datasheet HTML 51Page - Motorola, Inc MPC8248CZQB Datasheet HTML 52Page - Motorola, Inc MPC8248CZQB Datasheet HTML 53Page - Motorola, Inc MPC8248CZQB Datasheet HTML 54Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
50
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
I/O power
B4, F3, J2, N4, AD1, AD5, AE8,
AC13, AD18, AB24, AB26, W23,
R25, M25, F25, C25, C22, B17,
B12, B8, E6, F6, H6, L5, L6, P6,
T6, U6, V5, Y5, AA6, AA8, AA10,
AA11, AA14, AA16, AA17, AB19,
AB20, W21, U21, T21, P21, N21,
M22, J22, H21, F21, F19, F17,
E16, F14, E13, E12, F10, E10, E9
Core Power
F5, K5, M5, AA5, AB7, AA13,
AA19, AA21, Y22, AC25, U22,
R22, L21, H22, E22, E20, E15,
F13, F11, F8, L3, V4, W3, AC11,
AD11, AB15, U25, T24, J24, H25,
F23, B19, D17, C17, D10, C10
Ground
E19, E2, K1, Y2, AE1, AE4, AD9,
AC14, AE17, AC19, AE25, V24,
P26, M26, G26, E26, B21, C12,
C11, C8, A8, B18, A18, A2, B1, B2,
A5, C5, D4, D6, G2, L4, P1, R1,
R4, AC4, AE7, AC23, Y25, N24,
J23, A23, D23, D20, E18, A13,
A16, K10, K11, K12, K13, K14,
K15, K16, K17, L10, L11, L12, L13,
L14, L15, L16, L17, M10, M11,
M12, M13, M14, M15, M16, M17,
N10, N11, N12, N13, N14, N15,
N16, N17, P10, P11, P12, P13,
P14, P15, P16, P17, R10,
R11,R12, R13, R14, R15, R16,
R17, T10, T11, T12, T13, T14, T15,
T16, T17, U10, U11, U12, U13,
U14, U15, U16, U17
1 Must be tied to ground.
2 Should be tied to VDDH via a 2K
Ω external pull-up resistor.
3 The default configuration of the CPM pins (PA[8–31], PB[18–31], PC[0–1,4–29], PD[7–25, 29–31]) is input.To prevent
excessive DC current, it is recommended either to pull unused pins to GND or VDDH, or to configure them as outputs.
4 This pin is not connected. It should be left floating.
5 Must be pulled down or left floating
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com