Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA842IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA842IDBVT
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA842IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA842IDBVT Datasheet HTML 1Page - Texas Instruments OPA842IDBVT Datasheet HTML 2Page - Texas Instruments OPA842IDBVT Datasheet HTML 3Page - Texas Instruments OPA842IDBVT Datasheet HTML 4Page - Texas Instruments OPA842IDBVT Datasheet HTML 5Page - Texas Instruments OPA842IDBVT Datasheet HTML 6Page - Texas Instruments OPA842IDBVT Datasheet HTML 7Page - Texas Instruments OPA842IDBVT Datasheet HTML 8Page - Texas Instruments OPA842IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OPA842
5
SBOS267A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = 25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
5MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
250
200
150
300
350
400
450
500
100
–75
–80
–85
–90
–95
–100
2nd-Harmonic
V
O = 2Vp-p
See Figure 1
3rd-Harmonic
1MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
250
200
150
300
350
400
450
500
100
–85
–90
–95
–100
–105
–110
V
O = 2Vp-p
See Figure 1
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.5
1
10
20
–60
–70
–80
–90
–100
–110
V
O = 2Vp-p
R
L = 200Ω
G = +2
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
10
–80
–85
–90
–95
–100
–105
–110
R
L = 200Ω
F = 5MHz
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
Noninverting Gain (V/V)
110
–70
–80
–90
–100
–110
V
O = 2Vp-p
R
L = 200Ω
F = 5MHz
2nd-Harmonic
See Figure 1
3rd-Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
Inverting Gain |V/V|
110
–70
–80
–90
–100
–110
See Figure 2
V
O = 2Vp-p
R
L = 200Ω
F = 5MHz
R
F = 402Ω
2nd-Harmonic
3rd-Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com