Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1602KY/2K Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1602KY/2K
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602KY/2K Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1602KY/2K Datasheet HTML 21Page - Texas Instruments PCM1602KY/2K Datasheet HTML 22Page - Texas Instruments PCM1602KY/2K Datasheet HTML 23Page - Texas Instruments PCM1602KY/2K Datasheet HTML 24Page - Texas Instruments PCM1602KY/2K Datasheet HTML 25Page - Texas Instruments PCM1602KY/2K Datasheet HTML 26Page - Texas Instruments PCM1602KY/2K Datasheet HTML 27Page - Texas Instruments PCM1602KY/2K Datasheet HTML 28Page - Texas Instruments PCM1602KY/2K Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
PCM1602
29
SBAS163
FIGURE 22. Test Set-Up for Dynamic Range and SNR Meeasurements.
S/PDIF
Receiver
Evaluation Board
PCM1602(1)
DEM-DAI1602
2nd-Order
Low-Pass
Filter
Notch Filter
Band Limit
HPF = 22Hz
LPF = 22kHz
f
C = 1kHz
f
–3dB = 54kHz
0% Full-Scale,
Dither Off (SNR)
–60dBFS,
1kHz Sine Wave
(Dynamic Range)
S/PDIF
Output
Option = A-Weighting(2)
A-Weight
Filter(1)
rms Mode
Analyzer
and
Display
Digital
Generator
DYNAMIC RANGE
Dynamic range is specified as A-Weighted, THD+N mea-
sured with a –60dBFS, 1kHz digital sine wave stimulus at
the input of the DAC. This measurement is designed to give
a good indication of how the DAC will perform, given a
low-level input signal.
The measurement setup for the dynamic range measurement
is shown in Figure 22, and is similar to the THD+N test
setup discussed previously. The differences include the
band-limit filter selection, the additional A-Weighting filter,
and the –60dBFS input level.
IDLE CHANNEL SIGNAL-TO-NOISE RATIO
The SNR test provides a measure of the noise of the DAC.
The input to the DAC is in all “0”s data, and the DAC’s
Infinite Zero Detect Mute function must be disabled (de-
fault condition at power-up for the PCM1602). This en-
sures that the delta-sigma modulator output is connected to
the output amplifier circuit so that idle tones (if present)
may be observed at the output. The dither function of the
digital signal generator must also be disabled to ensure an
all “0”s data stream at the input of the DAC.
The measurement setup for SNR is identical to that used for
dynamic range, with the exception of the input signal level.
(see the notes provided in Figure 22.)
NOTES: (1) Infinite Zero Detect Mute disabled.
(2) Results without A-Weighting will be approxi-
mately 3dB worse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com