Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1602KY/2K Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM1602KY/2K
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602KY/2K Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM1602KY/2K Datasheet HTML 21Page - Texas Instruments PCM1602KY/2K Datasheet HTML 22Page - Texas Instruments PCM1602KY/2K Datasheet HTML 23Page - Texas Instruments PCM1602KY/2K Datasheet HTML 24Page - Texas Instruments PCM1602KY/2K Datasheet HTML 25Page - Texas Instruments PCM1602KY/2K Datasheet HTML 26Page - Texas Instruments PCM1602KY/2K Datasheet HTML 27Page - Texas Instruments PCM1602KY/2K Datasheet HTML 28Page - Texas Instruments PCM1602KY/2K Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
PCM1602
26
SBAS163
PCB LAYOUT GUIDELINES
A typical PCB floor plan for the PCM1602 is shown in
Figure 16. A ground plane is recommended, with the analog
and digital sections being isolated from one another using a
split or cut in the circuit board. The PCM1602 should be
oriented with the digital I/O pins facing the ground plane
split/cut to allow for short, direct connections to the digital
audio interface and control signals originating from the
digital section of the board.
Separate power supplies are recommended for the digital and
analog sections of the board. This prevents the switching noise
present on the digital supply from contaminating the analog
power supply and degrading the dynamic performance of the
DACs. In cases where a common +5V supply must be used for
the analog and digital sections, an inductance (RF choke,
ferrite bead) should be placed between the analog and digital
+5V supply connections to avoid coupling of the digital
switching noise into the analog circuitry. Figure 17 shows the
recommended approach for single-supply applications.
FIGURE 16. Recommended PCB Layout.
FIGURE 17. Single-Supply PCB Layout.
PCM1602
V
CC
V
DD
DGND
Return Path for Digital Signals
Analog
Ground
Digital
Ground
AGND
Output
Circuits
DIGITAL SECTION
ANALOG SECTION
Digital Logic
and
Audio
Processor
Digital Power
+V
D
DGND
Analog Power
+5V
A
+V
S
AGND
REG
–V
S
PCM1602
V
CC
V
DD
DGND
Output
Circuits
RF Choke or Ferrite Bead
Common
Ground
AGND
DIGITAL SECTION
ANALOG SECTION
V
DD
Power Supplies
+5V
+V
S
GND
REG
–V
S
Digital Logic
and
Audio
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com