Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL1705 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLL1705 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PLL1705 Datasheet HTML 5Page - Texas Instruments PLL1705 Datasheet HTML 6Page - Texas Instruments PLL1705 Datasheet HTML 7Page - Texas Instruments PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments PLL1705 Datasheet HTML 10Page - Texas Instruments PLL1705 Datasheet HTML 11Page - Texas Instruments PLL1705 Datasheet HTML 12Page - Texas Instruments PLL1705 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PLL1705
PLL1706
SLES046A – AUGUST 2002 – REVISED SEPTEMBER 2002
www.ti.com
9
The master clock can be either a crystal oscillator placed between XT1 (pin 10) and XT2 (pin 11), or an external input to
XT1. If an external master clock is used, XT2 must be open. Figure 8 illustrates possible system clock connection options,
and Figure 9 illustrates the 27-MHz master clock timing requirement.
Crystal
PLL1705/PLL1706
Crystal
OSC
Circuit
27-MHz
Internal
Master
Clock
XT1
XT2
C2
C1
MCKO1
MCKO2
C1, C2 = 10 pF to 33 pF
Crystal Resonator Connection
PLL1705/PLL1706
XT1
XT2
MCKO1
MCKO2
External Clock Input Connection
External
Clock
Crystal
OSC
Circuit
27-MHz
Internal
Master
Clock
Figure 8. Master Clock Generator Connection Diagram
t(XT1H)
XT1
t(XT1L)
0.7 VCC
0.3 VCC
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Master clock pulse duration HIGH
tXT1H
10
ns
Master clock pulse duration LOW
tXT1L
10
ns
Figure 9. External Master Clock Timing Requirement
The PLL1705/6 provides a very low-jitter, high-accuracy clock. SCKO0 outputs a fixed 33.8688-MHz clock, SCKO1 outputs
384 fS or 768 fS (fS = 44.1 kHz) which is selected by CSEL (pin 12) for a CD-DA DSP. The output frequency of the remaining
clocks is determined by the sampling frequency (fS) under hardware or software control. SCKO2 and SCKO3 output 256-fS
and 384-fS system clocks, respectively. Table 2 shows each sampling frequency, which can be programmed. The system
clock output frequencies for programmed sampling frequencies are shown in Table 3.
Table 1. Generated System Clock SCKO1 Frequency
CSEL
SCKO1 FREQUENCY
LOW
33.8688 MHz
HIGH
16.9344 MHz
Table 2. Sampling Frequencies
SAMPLING RATE
SAMPLING FREQUENCY (kHz)
Standard sampling frequencies
32
44.1
48
Double sampling frequencies
64
88.2
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com