Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL1705 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLL1705 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLL1705 Datasheet HTML 7Page - Texas Instruments PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments PLL1705 Datasheet HTML 10Page - Texas Instruments PLL1705 Datasheet HTML 11Page - Texas Instruments PLL1705 Datasheet HTML 12Page - Texas Instruments PLL1705 Datasheet HTML 13Page - Texas Instruments PLL1705 Datasheet HTML 14Page - Texas Instruments PLL1705 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PLL1705
PLL1706
SLES046A – AUGUST 2002 – REVISED SEPTEMBER 2002
www.ti.com
11
FUNCTION CONTROL
The built-in functions of the PLL1705 can be controlled in the parallel mode (hardware mode), which uses SR (pin 7), FS1
(pin 5) and FS2 (pin 6). The PLL1706 can be controlled in the serial mode (software mode), which uses a three-wire
interface by ML (pin 7), MC (pin 6), and MD (pin 5). The selectable functions are shown in Table 4.
Table 4. Selectable Functions
SELECTABLE FUNCTION
PARALLEL MODE
SERIAL MODE
Sampling frequency select (32 kHz, 44.1 kHz, 48 kHz)
Yes
Yes
Sampling rate select (standard/double)
Yes
Yes
Each clock output enable/disable
No
Yes
Power down
No
Yes
PLL1705 (Parallel Mode)
In the parallel mode, the following functions can be selected:
Sampling Frequency Group Select
The sampling frequency group can be selected by FS1 (pin 5) and FS2 (pin 6).
FS2 (PIN 6)
FS1 (PIN 5)
SAMPLING FREQUENCY
LOW
LOW
48 kHz
LOW
HIGH
44.1 kHz
HIGH
LOW
32 kHz
HIGH
HIGH
Reserved
Sampling Rate Select
The sampling rate can be selected by SR (pin 7)
SR (PIN 7)
SAMPLING RATE
LOW
Standard
HIGH
Double
PLL1706 (Serial Mode)
The built-in functions of the PLL1706 are shown in Table 5. These functions are controlled using the ML, MC, and MD serial
control signals.
Table 5. Selectable Functions
SELECTABLE FUNCTION
DEFAULT
Sampling frequency select (32 kHz, 44.1 kHz, 48 kHz)
48-kHz group
Sampling rate select (standard/double)
Standard
Each clock output enable/disable
Enabled
Power down
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com