Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2705 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2705
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2705 Datasheet HTML 2Page - RF Micro Devices RF2705 Datasheet HTML 3Page - RF Micro Devices RF2705 Datasheet HTML 4Page - RF Micro Devices RF2705 Datasheet HTML 5Page - RF Micro Devices RF2705 Datasheet HTML 6Page - RF Micro Devices RF2705 Datasheet HTML 7Page - RF Micro Devices RF2705 Datasheet HTML 8Page - RF Micro Devices RF2705 Datasheet HTML 9Page - RF Micro Devices RF2705 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5-118
RF2705
Rev A4 041026
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Performance with CW Baseband Inputs
Low Band Mode (GSM850/GSM900)
Mode=Low Band FLOx1 (see Control Logic Truth Table for Mode Control Settings)
VGA and PA Driver
VCC=2.7V, T=+25°C,
LO=824MHz to 915MHz at 0dBm,
IQ=800mVP-P** at 100kHz,
unless otherwise noted
Output Power 8PSK Modulated*
+2.5
dBm
GC=2.0V, IQ=1.2VP-P 8PSK
Output Power CW
0
2.2
+5
dBm
GC=2.0V, IQ=800mVP-P at 100kHz
-1.2
dBm
GC=1.5V, IQ=800mVP-P at 100kHz
*
-13.5
dBm
GC=1.0V, IQ=800mVP-P at 100kHz
-30
dBm
GC=0.5V, IQ=800mVP-P at 100kHz
-44
-40
-37
dBm
GC=0.2V, IQ=800mVP-P at 100kHz
Gain Control Voltage Range
0.2
2.0
V
Gain Control Range
42
dB
Difference between output power at
GC=2.0V and GC=0.2V
Gain Control Slope
28
dB/V
Calculated between GC=0.5V and 1.5V
Modulator
Sideband Suppression
-36
-30
dBc
GC=2.0V, No I/Q adjustment
*
-36
-30
dBc
GC=1.5V, No I/Q adjustment
*
-36
-30
dBc
GC=1.0V, No I/Q adjustment
*
-36
-30
dBc
GC=0.5V, No I/Q adjustment
*
-36
-30
dBc
GC=0.2V, No I/Q adjustment
Carrier Suppression
-44
-34
dBc
GC=2.0V, No I/Q adjustment
-44
-34
dBc
GC=1.5V, No I/Q adjustment
*
-44
-34
dBc
GC=1.0V, No I/Q adjustment
-44
-34
dBc
GC=0.5V, No I/Q adjustment
-40
-34
dBc
GC=0.2V, No I/Q adjustment
3rd Harmonic of Modulation
Suppression at FC-3x300kHz
-49
-40
dBc
GC=2.0V
Spurious Outputs
FLO/2 Mode
Spurious Outputs at Integer
Harmonics of 1/2xFLOHB*
GC=2.0V, I/Q=800mVP-P at 100kHz
FLO HB
-62.0
dBm
Second harmonic of carrier and LO leakage
(3/2)xFLO LB
-19.0
dBm
Third harmonic of carrier
Output Compression
Output P1dB*
+7.0
dBm
I/Q=100kHz
* Not tested in Production
** Provides the same output power as modulated signal with associated crest factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com