Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2705 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2705
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2705 Datasheet HTML 6Page - RF Micro Devices RF2705 Datasheet HTML 7Page - RF Micro Devices RF2705 Datasheet HTML 8Page - RF Micro Devices RF2705 Datasheet HTML 9Page - RF Micro Devices RF2705 Datasheet HTML 10Page - RF Micro Devices RF2705 Datasheet HTML 11Page - RF Micro Devices RF2705 Datasheet HTML 12Page - RF Micro Devices RF2705 Datasheet HTML 13Page - RF Micro Devices RF2705 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
5-122
RF2705
Rev A4 041026
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Band Bypass Mode (DCS1800/PCS1900)
Mode=High Band Bypass (see Control Logic Truth Table for Mode Control Settings)
PA Driver
VCC=2.7V
GMSK Input Power*
-3
0
+3
dBm
At LO LB input from a 50
Ω source.
GMSK Output Power
4.0
6.8
9.0
dBm
At RF LB output
Output Impedance*
50
Ω
Output Noise
At FC±20MHz*
-161
-159
dBc/Hz
AM+PM noise, LO=0dBm
* Not tested in Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com