Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-XXXXHC Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-XXXXHC
Description  SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-XXXXHC Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-XXXXHC Datasheet HTML 1Page - Abracon Corporation ASPI-XXXXHC Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
| | | | | | | | | | | | | | |
ASPI-XXXXHC
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
7.3 x 7.3 x 4.5mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 10.05.09
Visit www.abracon.com for Terms & Conditions of Sale
• Notebook computers, handheld communications,
LCD TV, power supply for VTRs, DC/DC converts
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
• Miniature surface mount design
• High power, high saturation inductors with very
low resistance
• Maximum power density, ideal for DC-DC conversion
Operating temperature: -40~85ºC
Measuring frequency: 100KHz, 0.25V
Inductance tolerance:
ASPI-0703HC: 0.47uH(P)+40~-20% ; 1.0uH~22uH(M)±20%
ASPI-0706HC, 0804HC, 1907HC, 1306HC: 0.47uH~1.5uH(P) +40~-20% ; 2.2uH~100uH(M)±20%
Rated DC current: the current when the inductance becomes 30% lower than its initial value or when temperature of coil increase 40ºC
n
ASPI - xxxxHC -
-
0703
0703
1500pcs
0706
0706
1000pcs
0804
N
±20%
0804
750pcs
1907
P
+40%,-20%
1907
350pcs
1306
1306
250pcs
Tolerance
Please see the table for
inductance value available
Type
7.5x5.2x3.2
9.0x6.1x5.0
Packaging (T/R)
13.2x9.9x6.35
19.4x13.3x6.8
22.2x15.0x8.0
Part No.
L
ASPI-XXXXHC
(µH)
XXXX=0703 XXXX=0706 XXXX=0804 XXXX=1907 XXXX=1306 XXXX=0703 XXXX=0706 XXXX=0804 XXXX=1907 XXXX=1306
R47
0.47
25
10
5
3
2
6
6
10.6
16
19.2
1R0
1
50
18
6
4
3
2.9
4.4
9.3
12.5
17.3
1R5
1.5
50
20
8
6
4
2.8
4.2
8.3
10
13.4
2R2
2.2
70
37
11
8
5
2.4
3.1
7.2
9.2
12
3R3
3.3
80
43
14
9
6
2
2.9
6.5
8
11
4R7
4.7
90
55
18
12
10
1.5
2.2
5.5
6.5
8.6
6R8
6.8
130
90
27
19
15
1.4
1.7
5
5.8
8.3
100
10
160
111
38
27
20
1.1
1.5
4.3
4.3
6.8
150
15
230
175
45
32
30
1
1.2
3.5
3.9
5.5
220
22
370
255
70
50
40
0.8
1
2.8
3.1
4.5
330
33
-
367
100
69
60
-
0.82
2.1
2.4
3.7
470
47
-
474
150
109
74
-
0.72
1.7
1.9
3.1
680
68
-
750
220
156
120
-
0.58
1.5
1.6
2.4
101
100
-
1110
280
206
170
-
0.47
1.2
1.4
2
DC Resistance (mΩ) Max
Rated DC Current (A) Max


Similar Part No. - ASPI-XXXXHC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
More results

Similar Description - ASPI-XXXXHC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-0309 ABRACON-ASPI-0309 Datasheet
3Mb / 3P
ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
03.24.11
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
SMD Unshielded Power Inductor
10.03.13
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-4012 RENCO-RL-4012 Datasheet
426Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com