Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-XXXXHC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-XXXXHC
Description  SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-XXXXHC Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-XXXXHC Datasheet HTML 1Page - Abracon Corporation ASPI-XXXXHC Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
| | | | | | | | | | | | | | |
7.3 x 7.3 x 4.5mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 10.05.09
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
TAPE & REEL: Tape and reel 1,000pcs/reel
REFLOW PROFILE:
ASPI-XXXXHC
Dimension : mm
Codes
A max
B max
C max
D
E
H
I
J
0703
7.5
5.2
3.2
4.6
2.5
4
2
4
0706
9
6.1
5
5.8
3
5
2
5
0804
13.2
9.9
6.35
9.5
4.5
6.5
2.3
9
1907
19.4
13.3
6.8
12.7
6.6
8
3.8
11.7
1306
22.2
15
8
14.6
7.7
10
4.3
13.5
PAD
LAYOUT
I
J
I
H
D
C
B
E
4R7
A
NOTE: Abracon manufactured products are intended for general commercial and industrial use. For applications requiring
high reliability and/or presenting extreme operating environment, written consent & authorization from Abracon is required.
Series Tape size
W
P
13〞
〞
0703
16
8
1500
0706
16
8
1000
0804
24
16
750
1907
32
20
350
1306
32
20
250
Parts Per Reel
Dimension : mm
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com