Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSOS404A Datasheet(PDF) 33 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 33 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 29Page - Keysight Technologies MSOS404A Datasheet HTML 30Page - Keysight Technologies MSOS404A Datasheet HTML 31Page - Keysight Technologies MSOS404A Datasheet HTML 32Page - Keysight Technologies MSOS404A Datasheet HTML 33Page - Keysight Technologies MSOS404A Datasheet HTML 34Page - Keysight Technologies MSOS404A Datasheet HTML 35Page - Keysight Technologies MSOS404A Datasheet HTML 36Page - Keysight Technologies MSOS404A Datasheet HTML 37Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
33 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Infiniium S-Series Performance Characteristics (Continued)
RMS noise floor (Vrms ac) on 50 Ω inputs
Vertical setting (Volts/div)
S-054A
S-104A
S-204A
S-254A
S-404A
S-604A
S-804A
1 mV/div
74 uV
90 uV
120 uV
130 uV
153 uV
195 uV
260 uV
2 mV/div
74 uV
90 uV
120 uV
130 uV
153 uV
195 uV
260 uV
5 mV/div
77 uV
94 uV
129 uV
135 uV
173 uV
205 uV
320 uV
10 mV/div
87 uV
110 uV
163 uV
172 uV
220 uV
256 uV
390 uV
20 mV/div
125 uV
163 uV
233 uV
254 uV
330 uV
446 uV
620 uV
50 mV/div
372 uV
456 uV
610 uV
650 uV
768 uV
1.3 mV
1.4 mV
100 mV/div
0.78 mV
0.96 mV
1.2 mV
1.3 mV
1.6 mV
2.3 mV
3.1 mV
200 mV/div
1.6 mV
2.0 mV
2.6 mV
2.8 mV
3.4 mV
4.9 mV
6.4 mV
500 mV/div
3.5 mV
4.2 mV
5.5 mV
6 mV
7.3 mV
10.0 mV
13.3 mV
1 V/div
5.1 mV
6.8 mV
9.2 mV
10.1 mV
12.5 mV
17.6 mV
24.1 mV
Vertical - digital channels
Input channels
16 channels of timing
Analog bandwidth
400 MHz
Threshold selections
User-defined, TTL, 5.0 V CMOS, 3.3 V CMOS, 2.5 V CMOS, ECL, PECL
User-defined threshold range
± 8.00 V in 10 mV increments
Maximum input voltage
± 40 V peak
Threshold accuracy
± (100 mV + 3% of threshold setting)
Input dynamic range
± 10 V about threshold
Minimum input voltage swing
500 mV peak-to-peak
Input impedance
100 kΩ ± 2% (~ 8 pF) at probe tip
Channel-to-channel skew
500 ps (typical)
Resolution
1 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com