Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431I Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431I Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AS431I Datasheet HTML 5Page - Diodes Incorporated AS431I Datasheet HTML 6Page - Diodes Incorporated AS431I Datasheet HTML 7Page - Diodes Incorporated AS431I Datasheet HTML 8Page - Diodes Incorporated AS431I Datasheet HTML 9Page - Diodes Incorporated AS431I Datasheet HTML 10Page - Diodes Incorporated AS431I Datasheet HTML 11Page - Diodes Incorporated AS431I Datasheet HTML 12Page - Diodes Incorporated AS431I Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AS431I
Document number: DS36816 Rev. 3 - 2
9 of 17
www.diodes.com
July 2014
© Diodes Incorporated
AS431I
A Product Line of
Diodes Incorporated
Ordering Information
AS431I X X XX – XX
Packing
Package
TR : Tape & Reel
A : 0.5%
B : 1.0%
Product Name
Blank : Bulk
G1 : Green
Voltage Tolerance
Z : TO-92
N : SOT-23
R : SOT-89
or Ammo
RoHS/Green
Diodes IC’s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing
SOT-23
-40 to +125°C
0.5%
AS431IANTR-G1
GB9
3000/Tape & Reel
1.0%
AS431IBNTR-G1
GC9
3000/Tape & Reel
TO-92
-40 to +125°C
0.5%
AS431IAZ-G1
AS431IAZ-G1
1000/Bulk
0.5%
AS431IAZTR-G1
AS431IAZ-G1
2000/Ammo
1.0%
AS431IBZ-G1
AS431IBZ-G1
1000/Bulk
1.0%
AS431IBZTR-G1
AS431IBZ-G1
2000/Ammo
SOT-89
-40 to +125°C
0.5%
AS431IARTR-G1
G43J
1000/Tape & Reel
1.0%
AS431IBRTR-G1
G43K
1000/Tape & Reel
Marking Information
(1)
TO-92
(Front View)
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.
XXXXXX
XZ-X1
YWWAXX
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com