Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431I Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431I Datasheet(HTML) 1 Page - Diodes Incorporated

  AS431I Datasheet HTML 1Page - Diodes Incorporated AS431I Datasheet HTML 2Page - Diodes Incorporated AS431I Datasheet HTML 3Page - Diodes Incorporated AS431I Datasheet HTML 4Page - Diodes Incorporated AS431I Datasheet HTML 5Page - Diodes Incorporated AS431I Datasheet HTML 6Page - Diodes Incorporated AS431I Datasheet HTML 7Page - Diodes Incorporated AS431I Datasheet HTML 8Page - Diodes Incorporated AS431I Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS431I
Document number: DS36816 Rev. 3 - 2
1 of 17
www.diodes.com
July 2014
© Diodes Incorporated
AS431I
A Product Line of
Diodes Incorporated
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Description
The AS431I is a three-terminal adjustable shunt regulator with
guaranteed thermal stability over a full operation range. It features
sharp turn-on characteristics, low temperature coefficient and low
output impedance, which make it ideal substitute for Zener diode in
applications such as switching power supply, charger and other
adjustable regulators.
The output voltage of AS431I can be set to any value between VREF
(2.5V) and the corresponding maximum cathode voltage (36V).
The AS431I is offered in two grade initial voltage tolerance at +25
oC,
0.5%, and 1%.
This IC is available in 3 packages: TO-92 (bulk or ammo packing),
SOT-23 and SOT-89.
Features
Programmable Precise Output Voltage from 2.5V to 36V
High Stability Under Capacitive Load
Low Minimum Cathode Current for Regulation: 10µA (Typ.), 50µA
(Max.)
Low Temperature Deviation: 4.5mV Typical
Sink Current Capacity from 50µA to 100mA
Low Output Noise
Wide Operating Range: -40 to +125
oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Charger
Voltage Adapter
Switching Power Supply
Graphic Card
Precision Voltage Reference
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
(Top View)
(Top View)
SOT-23
SOT-89 (Option 1)
SOT-89 (Option 2)
1
2
3
REF ANODE CATHODE
CATHODE
ANODE
REF
3
2
1
1
2
3
REF ANODE CATHODE


Similar Part No. - AS431I

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431IANTR-G1 BCDSEMI-AS431IANTR-G1 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431IANTR-G1 BCDSEMI-AS431IANTR-G1 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AS431I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com