| Electronic Components Datasheet Search |
|
ST16C580CP40 Datasheet(PDF) 24 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
ST16C580CP40 Datasheet(HTML) 24 Page - Exar Corporation |
|
24 / 41 page ![]() ST16C580 24 Rev. 1.20 device that the 580 is connected to. Four bits of this register are used to indicate the changed information. These bits are set to a logic 1 whenever a control input from the modem changes state. These bits are set to a logic 0 whenever the CPU reads this register. MSR BIT-0: Logic 0 = No -CTS Change (normal default condition) Logic 1 = The -CTS input to the 580 has changed state since the last time it was read. A modem Status Interrupt will be generated. MSR BIT-1: Logic 0 = No -DSR Change (normal default condition) Logic 1 = The -DSR input to the 580 has changed state since the last time it was read. A modem Status Interrupt will be generated. MSR BIT-2: Logic 0 = No -RI Change (normal default condition) Logic 1 = The -RI input to the 580 has changed from a logic 0 to a logic 1. A modem Status Interrupt will be generated. MSR BIT-3: Logic 0 = No -CD Change (normal default condition) Logic 1 = Indicates that the -CD input to the has changed state since the last time it was read. A modem Status Interrupt will be generated. MSR BIT-4: -CTS functions as hardware flow control signal input if it is enabled via EFR bit-7. The transmit holding register flow control is enabled/disabled by MSR bit-4. Flow control (when enabled) allows the starting and stopping the transmissions based on the external modem -CTS signal. A logic 1 at the -CTS pin will stop 580 transmissions as soon as current character has finished transmission. Normally MSR bit-4 bit is the compliment of the -CTS input. However in the loop-back mode, this bit is equivalent to the RTS bit in the MCR register. MSR BIT-5: DSR (active high, logical 1). Normally this bit is the compliment of the -DSR input. In the loop-back mode, this bit is equivalent to the DTR bit in the MCR register. MSR BIT-6: RI (active high, logical 1). Normally this bit is the compliment of the -RI input. In the loop-back mode this bit is equivalent to the OP1 bit in the MCR register. MSR BIT-7: CD (active high, logical 1). Normally this bit is the compliment of the -CD input. In the loop-back mode this bit is equivalent to the OP2 bit in the MCR register. Scratchpad Register (SPR) The ST16C580 provides a temporary data register to store 8 bits of user information. Enhanced Feature Register (EFR) Enhanced features are enabled or disabled using this register. Bits-0 through 4 provide single or dual character software flow control selection. When the Xon1 and Xon2 and/or Xoff1 and Xoff2 modes are selected, the double 8-bit words are concatenated into two sequen- tial characters. EFR BIT 0-3: (logic 0 or cleared is the default condi- tion) Combinations of software flow control can be selected by programming these bits. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |