Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8771A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8771A
Description  Triple 8-bit video Digital-to-Analog Converter (DAC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8771A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8771A Datasheet HTML 1Page - NXP Semiconductors TDF8771A Datasheet HTML 2Page - NXP Semiconductors TDF8771A Datasheet HTML 3Page - NXP Semiconductors TDF8771A Datasheet HTML 4Page - NXP Semiconductors TDF8771A Datasheet HTML 5Page - NXP Semiconductors TDF8771A Datasheet HTML 6Page - NXP Semiconductors TDF8771A Datasheet HTML 7Page - NXP Semiconductors TDF8771A Datasheet HTML 8Page - NXP Semiconductors TDF8771A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2003 Apr 29
2
Philips Semiconductors
Product specification
Triple 8-bit video Digital-to-Analog
Converter (DAC)
TDF8771A
FEATURES
• 8-bit resolution
• Sampling rate up to 35 MHz
• Internal reference voltage regulator
• No deglitching circuit required
• Large output voltage range
• 1kΩ output load
• Power dissipation only 200 mW
• Single 5 V power supply
• 44-pin QFP package
• Operating ambient temperature from −40 to +85 °C.
APPLICATIONS
• General purpose high-speed digital-to-analog
conversion
• Digital TV
• Graphic display
• Desktop video processing.
GENERAL DESCRIPTION
The TDF8771A is a triple 8-bit video Digital-to-Analog
Converter (DAC). It converts the digital input signals into
analog voltage outputs at a maximum conversion rate of
35 MHz.
The DACs are based on resistor-string architecture with
integrated output buffers. The output voltage range is
determined by a built-in reference source.
The device is fabricated in a 5 V, CMOS process that
ensures high functionality with low power dissipation.
QUICK REFERENCE DATA
Note
1. Minimum and maximum data of current and power consumption are measured in worse case conditions: for
minimum data, all digital inputs are at logic level 0 while for maximum data, all digital inputs are at logic level 1.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDA
analog supply current
RL =1kΩ; note 1
10
30
45
mA
IDDD
digital supply current
fclk = 35 MHz
−
310
mA
Tamb
operating ambient
temperature
−40
−
+85
°C
INL
integral non-linearity
fclk = 35 MHz; ramp input
−±0.3
±1
LSB
DNL
differential non-linearity
fclk = 35 MHz; ramp input
−±0.15 ±0.5
LSB
fclk(max)
maximum clock frequency
35
−−
MHz
Ptot
total power dissipation
RL =1kΩ; fclk = 35 MHz; note 1
45
200
360
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDF8771AH
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com