Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF444 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF444
Description  Quad Low Power JFET Input Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF444 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LF444 Datasheet HTML 2Page - National Semiconductor (TI) LF444 Datasheet HTML 3Page - National Semiconductor (TI) LF444 Datasheet HTML 4Page - National Semiconductor (TI) LF444 Datasheet HTML 5Page - National Semiconductor (TI) LF444 Datasheet HTML 6Page - National Semiconductor (TI) LF444 Datasheet HTML 7Page - National Semiconductor (TI) LF444 Datasheet HTML 8Page - National Semiconductor (TI) LF444 Datasheet HTML 9Page - National Semiconductor (TI) LF444 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Pulse Response R
L = 10 kΩ,CL = 10 pF
Application Hints
This device is a quad low power op amp with JFET input de-
vices ( BI-FET™). These JFETs have large reverse break-
down voltages from gate to source and drain eliminating the
need for clamps across the inputs. Therefore, large differen-
tial input voltages can easily be accommodated without a
large increase in input current. The maximum differential in-
put voltage is independent of the supply voltages. However,
neither of the input voltages should be allowed to exceed the
negative supply as this will cause large currents to flow
which can result in a destroyed unit.
Exceeding the negative common-mode limit on either input
will force the output to a high state, potentially causing a re-
versal of phase to the output. Exceeding the negative
common-mode limit on both inputs will force the amplifier
output to a high state. In neither case does a latch occur
since raising the input back within the common-mode range
again puts the input stage and thus the amplifier in a normal
operating mode.
Exceeding the positive common-mode limit on a single input
will not change the phase of the output; however, if both in-
puts exceed the limit, the output of the amplifier will be forced
to a high state.
The amplifiers will operate with a common-mode input volt-
age equal to the positive supply; however, the gain band-
width and slew rate may be decreased in this condition.
When the negative common-mode voltage swings to within
3V of the negative supply, an increase in input offset voltage
may occur.
Each amplifier is individually biased to allow normal circuit
operation with power supplies of ±3.0V. Supply voltages less
than these may degrade the common-mode rejection and re-
strict the output voltage swing.
The amplifiers will drive a 10 k
Ω load resistance to ±10V
over the full temperature range. If the amplifier is forced to
drive heavier load currents, however, an increase in input
offset voltage may occur on the negative voltage swing and
finally reach an active current limit on both positive and
negative swings.
Small Signal Inverting
DS009156-6
Small Signal Non-Inverting
DS009156-7
Large Signal Inverting
DS009156-8
Large Signal Non-Inverting
DS009156-9
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com