Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF444 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF444
Description  Quad Low Power JFET Input Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF444 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF444 Datasheet HTML 1Page - National Semiconductor (TI) LF444 Datasheet HTML 2Page - National Semiconductor (TI) LF444 Datasheet HTML 3Page - National Semiconductor (TI) LF444 Datasheet HTML 4Page - National Semiconductor (TI) LF444 Datasheet HTML 5Page - National Semiconductor (TI) LF444 Datasheet HTML 6Page - National Semiconductor (TI) LF444 Datasheet HTML 7Page - National Semiconductor (TI) LF444 Datasheet HTML 8Page - National Semiconductor (TI) LF444 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LF444
Quad Low Power JFET Input Operational Amplifier
General Description
The LF444 quad low power operational amplifier provides
many of the same AC characteristics as the industry stan-
dard LM148 while greatly improving the DC characteristics
of the LM148. The amplifier has the same bandwidth, slew
rate, and gain (10 k
Ω load) as the LM148 and only draws
one fourth the supply current of the LM148. In addition the
well matched high voltage JFET input devices of the LF444
reduce the input bias and offset currents by a factor of
10,000 over the LM148. The LF444 also has a very low
equivalent input noise voltage for a low power amplifier.
The LF444 is pin compatible with the LM148 allowing an im-
mediate 4 times reduction in power drain in many applica-
tions. The LF444 should be used wherever low power dissi-
pation and good electrical characteristics are the major
considerations.
Features
n 1⁄4 supply current of a LM148:
200 µA/Amplifier (max)
n Low input bias current:
50 pA (max)
n High gain bandwidth:
1 MHz
n High slew rate:
1 V/µs
n Low noise voltage for low power
n Low input noise current
n High input impedance:
10
12
Ω
n High gain VO = ±10V, RL = 10k:
50k (min)
Simplified Schematic
Ordering Information
LF444XYZ
X indicates electrical grade
Y indicates temperature range
“M” for military, “C” for commercial
Z indicates package type “D”, “M” or “N”
Connection Diagram
BI-FET™ and BI-FET II™ are trademarks of National Semiconductor Corporation.
1/4 Quad
DS009156-1
Dual-In-Line Package
DS009156-2
Top View
Order Number LF444AMD, LF444CM,
LF444ACN, LF444CN or LF444MD/883
See NS Package Number D14E, M14A or N14A
May 1998
© 1999 National Semiconductor Corporation
DS009156
www.national.com


Similar Part No. - LF444

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
LF444 SYC-LF444 Datasheet
445Kb / 12P
Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF444 TI2-LF444 Datasheet
924Kb / 21P
LF444 Quad Low Power JFET Input Operational Amplifier
REVISED MARCH 2013
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
LF444883 TI1-LF444883 Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
LF444ACN TI1-LF444ACN Datasheet
1Mb / 18P
LF444 Quad Low Power JFET Input Operational Ampli
More results

Similar Description - LF444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF442 NSC-LF442 Datasheet
440Kb / 12P
Dual Low Power JFET Input Operational Amplifier
logo
NTE Electronics
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
logo
Texas Instruments
LF441 TI1-LF441 Datasheet
484Kb / 12P
LF441 Low Power JFET Input Operational Amplifier
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442 TI1-LF442 Datasheet
987Kb / 24P
Dual Low Power JFET Input Operational Amplifier
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com