Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121 Datasheet(HTML) 2 Page - Texas Instruments

  THS3121 Datasheet HTML 1Page - Texas Instruments THS3121 Datasheet HTML 2Page - Texas Instruments THS3121 Datasheet HTML 3Page - Texas Instruments THS3121 Datasheet HTML 4Page - Texas Instruments THS3121 Datasheet HTML 5Page - Texas Instruments THS3121 Datasheet HTML 6Page - Texas Instruments THS3121 Datasheet HTML 7Page - Texas Instruments THS3121 Datasheet HTML 8Page - Texas Instruments THS3121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
1
2
3
4
8
7
6
5
NC
VIN −
VIN +
VS−
NC
VS+
VOUT
NC
D, DGN
TOP VIEW
D, DGN
TOP VIEW
NC = No Internal Connection
1
2
3
4
8
7
6
5
REF
VIN−
VIN+
VS−
PD
VS+
VOUT
NC
NC = No Internal Connection
THS3120
THS3121
Note: The device with the power down option defaults to the ON state if no signal is applied to the PD pin. Additionallly, the REF pin
functional range is from VS− to (VS+ − 4 V).
DISSIPATION RATING TABLE
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling procedures and installation procedures can cause damage.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
PLASTIC SMALL OUTLINE SOIC (D)
PLASTIC MSOP (DGN)(1)(2)
SYMBOL
THS3120CD
THS3120CDGN
0
°C to 70°C
AQA
THS3120CDR
THS3120CDGNR
THS3120ID
THS3120IDGN
-40
°C to 85°C
APN
THS3120IDR
THS3120IDGNR
THS3121CD
THS3121CDGN
0
°C to 70°C
AQO
THS3121CDR
THS3121CDGNR
THS3121ID
THS3121IDGN
-40
°C to 85°C
APO
THS3121IDR
THS3121IDGNR
(1)
Available in tape and reel. The R suffix standard quantity is 2500 (e.g. THS3120CDGNR).
(2)
The PowerPAD is electrically isolated from all other pins.
POWER RATING
TJ = 125°C
PACKAGE
Θ
JC (°C/W)
Θ
JA (°C/W)
TA = 25°C
TA = 85°C
D-8(1)
38.3
95
1.05 W
421 mW
DGN-8(2)
4.7
58.4
1.71 W
685 W
(1)
This data was taken using the JEDEC standard low-K test PCB. For the JEDEC proposed high-K test PCB, the
Θ
JA is 95°C/W with
power rating at TA = 25°C of 1.05 W.
(2)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 inch x 3 inch PCB. For further information, refer to
the Application Information section of this data sheet.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com