Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3121 Datasheet HTML 17Page - Texas Instruments THS3121 Datasheet HTML 18Page - Texas Instruments THS3121 Datasheet HTML 19Page - Texas Instruments THS3121 Datasheet HTML 20Page - Texas Instruments THS3121 Datasheet HTML 21Page - Texas Instruments THS3121 Datasheet HTML 22Page - Texas Instruments THS3121 Datasheet HTML 23Page - Texas Instruments THS3121 Datasheet HTML 24Page - Texas Instruments THS3121 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
0.060
0.040
0.075
0.025
0.205
0.010
vias
Pin 1
Top View
0.017
0.035
0.094
0.030
0.013
PowerPAD™ LAYOUT CONSIDERATIONS
POWER DISSIPATION AND THERMAL
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
a high thermal resistance connection that is
useful for slowing the heat transfer during
soldering operations. This makes the soldering of
vias that have plane connections easier. In this
application, however, low thermal resistance is
desired for the most efficient heat transfer. There-
fore, the holes under the THS3120 / THS3121
PowerPAD package should make their connec-
tion to the internal ground plane with a complete
connection around the entire circumference of the
plated-through hole.
6. The top-side solder mask should leave the ter-
minals of the package and the thermal pad area
with its five holes exposed. The bottom-side
solder mask should cover the five holes of the
thermal pad area. This prevents solder from
Figure 58. DGN PowerPAD PCB Etch and Via
being pulled away from the thermal pad area
Pattern
during the reflow process.
7. Apply solder paste to the exposed thermal pad
area and all of the IC terminals.
8. With these preparatory steps in place, the IC is
1. PCB with a top side etch pattern as shown in
simply placed in position and run through the
Figure 58. There should be etch for the leads as
solder reflow operation as any standard sur-
well as etch for the thermal pad.
face-mount component. This results in a part that
2. Place five holes in the area of the thermal pad.
is properly installed.
These holes should be 10 mils in diameter. Keep
them small so that solder wicking through the
holes is not a problem during reflow.
CONSIDERATIONS
3. Additional vias may be placed anywhere along
The THS3120 and THS3121 incorporates automatic
the thermal plane outside of the thermal pad
thermal shutoff protection. This protection circuitry
area. This helps dissipate the heat generated by
shuts down the amplifier if the junction temperature
the THS3120 / THS3121 IC. These additional
exceeds approximately 160
°C. When the junction
vias may be larger than the 10-mil diameter vias
temperature reduces to approximately 140
°C, the
directly under the thermal pad. They can be
amplifier turns on again. But, for maximum perform-
larger because they are not in the thermal pad
ance and reliability, the designer must take care to
area to be soldered so that wicking is not a
ensure that the design does not exeed a junction
problem.
temperature of 125
°C. Between 125°C and 150°C,
4. Connect all holes to the internal ground plane.
damage does not occur, but the performance of the
Note that the PowerPAD is electrically isolated
amplifier begins to degrade and long term reliability
from the silicon and all leads. Connecting the
suffers. The thermal characteristics of the device are
PowerPAD to any potential voltage such as VS-,
dictated by the package and the PC board. Maximum
is acceptable as there is no electrical connection
power dissipation for a given package can be calcu-
to the silicon.
lated using the following formula.
5. When connecting these holes to the ground
plane, do not use the typical web or spoke via
connection methodology. Web connections have
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com