Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP1004AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP1004AF
Description  INFRARED LED PHOTO IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1004AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP1004AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 9Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
7
tpLH, tpHL – IF
(typ.)
Forward current IF (mA)
tr, tf – RL
(typ.)
Load resistance RL (kΩ)
0
0.1
100
0.5
9
0.1
10
4
tpLH, tpHL – RL
(typ.)
Load resistance RL (kΩ)
10
20
30
40
50
60
70
80
8
7
9
8
7
6
5
3
2
1
0
Ta =25°C
VCC =5V
RL =280Ω
tpHL(TLP1004A(F))
tpLH(TLP1005A(F))
0.3 0.5
1
3
5
10
30
100
Ta =25°C
VCC =5V
IF =15mA
tpLH (TLP1004A(F))
tpHL (TLP1005A(F))
50
30
10
5
3
1
0.3
0.1
0.05
0.03
0.01
tf
tr
6
5
4
3
2
0.3 0.5
1
3
5
10
30 50
100
1
0
(TLP1004A(F))
(TLP1005A(F))
(TLP1004A(F))
(TLP1005A(F))
Ta =25°C
VCC =5V
IF =15mA
tpLH
tpHL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com