Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP1004AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP1004AF
Description  INFRARED LED PHOTO IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1004AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP1004AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
1
TOSHIBA Photointerrupter Infrared LED + Photo IC
TLP1004A(F), TLP1005A(F)
Lead Free Product
Home Electric Equipment Such As VCR,
CD Player
OA Equipment Such As Copying
Machine, Printer, Facsimile, Etc.
Automatic service Equipment Such As
Vending Machine,
Various Position Detection
TLP1004A(F) and TLP1005A(F) are digital output
photo−interrupters combining GaAs infrared LED
with high sensitive and high gain Si photo IC.
Directly connectable to TTL, LSTTL and CMOS.
• Printed wiring board direct mounting type
• Gap: 3mm
• Resolution: Slit width 0.5mm
• Digital output (with a pull−up resistor)
TLP1004A(F): Low level output at shielding
TLP1005A(F): High level output at shielding
• Built−in schmitt circuit
• Threshold input current: 4mA (max.) at Ta = 25°C
• Operating supply voltage: VCC = 4.5V~17V
• High speed response
• Detector side is of visible light cut type
Pin Connection
TLP1004A(F)
TLP1005A(F)
AMP
VOL. REG.
VOL. REG.
AMP
1
2
1
2
3
4
5
3
4
5
1. Anode
3. VCC
2. Cathode
4. OUT
5. GND
Unit in mm
TOSHIBA
11
−13G1
Weight: 0.8g (typ.)


Similar Part No. - TLP1004AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
PHOTOINTERRUPTER
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
More results

Similar Description - TLP1004AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
Infrared LED & Photo IC
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP2719 TOSHIBA-TLP2719 Datasheet
1Mb / 17P
Photocouplers Infrared LED & Photo IC
2022-11-30 Rev.2.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com