Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP100NA/250 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100NA/250
Description  Digital Temperature Sensor with I2C Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA/250 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP100NA/250 Datasheet HTML 2Page - Texas Instruments TMP100NA/250 Datasheet HTML 3Page - Texas Instruments TMP100NA/250 Datasheet HTML 4Page - Texas Instruments TMP100NA/250 Datasheet HTML 5Page - Texas Instruments TMP100NA/250 Datasheet HTML 6Page - Texas Instruments TMP100NA/250 Datasheet HTML 7Page - Texas Instruments TMP100NA/250 Datasheet HTML 8Page - Texas Instruments TMP100NA/250 Datasheet HTML 9Page - Texas Instruments TMP100NA/250 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TMP100, 101
6
SBOS231C
www.ti.com
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the reso-
lution bits accordingly. For 9, 10, or 11 bit resolution, the most
significant bits in the Temperature Register are used with the
unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP100 and TMP101 is shown in Table VI, followed by a
breakdown of the register bits. The power-up/reset value of
the Configuration Register is all bits equal to 0. The OS/
ALERT bit will read as 1 after power-up/reset.
FAULT QUEUE (F1/F0)
A fault condition occurs when the measured temperature
exceeds the limits set in the THIGH and TLOW Registers. The
Fault Queue is provided to prevent a false alert due to
environmental noise and requires consecutive fault mea-
surements to trigger the alert function of the TMP101. Table
VII defines the number of measured faults that may be
programmed to trigger an alert condition.
TEMPERATURE
DIGITAL OUTPUT
(
°C)
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0.0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
–128
1000 0000 0000
800
TABLE V. Temperature Data Format.
F1
F0
CONSECUTIVE FAULTS
00
1
01
2
10
4
11
6
TABLE VII. Fault Settings of the TMP100 and TMP101.
CONVERSION TIME
R1
R0
RESOLUTION
(typical)
0
0
9 Bits (0.5
°C)
40ms
0
1
10 Bits (0.25
°C)
80ms
1
0
11 Bits (0.125
°C)
160ms
1
1
12 Bits (0.0625
°C)
320ms
TABLE VIII. Resolution of the TMP100 and TMP101.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
OS/ALERT
R1
R0
F1
F0
POL
TM
SD
TABLE VI. Configuration Register Format.
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP100 and TMP101 allows the
user to save maximum power by shutting down all device
circuitry other than the serial interface, which reduces current
consumption to less than 1
µA. For the TMP100 and TMP101,
Shutdown Mode is enabled when the SD bit is 1. The device will
shutdown once the current conversion is completed. For SD
equal to 0, the device will maintain continuous conversion.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP101 indicates to the device
whether to operate in Comparator Mode (TM = 0) or Interrupt
Mode (TM = 1). For more information on comparator and
interrupt modes, see text “HIGH and LOW Limit Registers.”
POLARITY (POL)
The Polarity Bit of the TMP101 allows the user to adjust the
polarity of the ALERT pin output. If POL = 0, the ALERT pin
will be active LOW, as shown in Figure 4. For POL = 1 the
ALERT Pin will be active HIGH, and the state of the ALERT
Pin is inverted.
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the
internal Analog-to-Digital (A/D) converter. This allows the
user to maximize efficiency by programming for higher reso-
lution or faster conversion time. Table VIII identifies the
Resolution Bits and relationship between resolution and con-
version time.
FIGURE 4. Output Transfer Function Diagrams.
Measured
Temperature
T
HIGH
T
LOW
TMP101 ALERT PIN
(Comparator Mode)
POL = 0
TMP101 ALERT PIN
(Interrupt Mode)
POL = 0
TMP101 ALERT PIN
(Comparator Mode)
POL = 1
TMP101 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com