Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP100NA/250 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100NA/250
Description  Digital Temperature Sensor with I2C Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA/250 Datasheet(HTML) 1 Page - Texas Instruments

  TMP100NA/250 Datasheet HTML 1Page - Texas Instruments TMP100NA/250 Datasheet HTML 2Page - Texas Instruments TMP100NA/250 Datasheet HTML 3Page - Texas Instruments TMP100NA/250 Datasheet HTML 4Page - Texas Instruments TMP100NA/250 Datasheet HTML 5Page - Texas Instruments TMP100NA/250 Datasheet HTML 6Page - Texas Instruments TMP100NA/250 Datasheet HTML 7Page - Texas Instruments TMP100NA/250 Datasheet HTML 8Page - Texas Instruments TMP100NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TMP100
TMP101
SBOS231C – JANUARY 2002 – REVISED JULY 2003
www.ti.com
DESCRIPTION
The TMP100 and TMP101 are 2-wire, serial output tempera-
ture sensors available in SOT23-6 packages. Requiring no
external components, the TMP100 and TMP101 are capable
of reading temperatures with a resolution of 0.0625
°C.
The TMP100 and TMP101 feature SMBus and I2C™ inter-
face compatibility, with the TMP100 allowing up to eight
devices on one bus. The TMP101 offers SMBus alert func-
tion with up to three devices per bus.
The TMP100 and TMP101 are ideal for extended tempera-
ture measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
The TMP100 and TMP101 are specified for operation over a
temperature range of –55
°C to +125°C.
FEATURES
q DIGITAL OUTPUT: I2C Serial 2-Wire
q RESOLUTION: 9- to 12-Bits, User-Selectable
q ACCURACY:
±2.0°C from –25°C to +85°C (max)
±3.0°C from –55°C to +125°C (max)
q LOW QUIESCENT CURRENT: 45
µA, 0.1µA Standby
q WIDE SUPPLY RANGE: 2.7V to 5.5V
q TINY SOT23-6 PACKAGE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2003, Texas Instruments Incorporated
Digital Temperature Sensor
with I2C Interface
APPLICATIONS
q POWER-SUPPLY TEMPERATURE MONITORING
q COMPUTER PERIPHERAL THERMAL PROTECTION
q NOTEBOOK COMPUTERS
q CELL PHONES
q BATTERY MANAGEMENT
q OFFICE MACHINES
q THERMOSTAT CONTROLS
q ENVIRONMENTAL MONITORING and HVAC
q ELECTROMECHANICAL DEVICE TEMPERATURE
I2C is a registered trademark of Philips Incorporated.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP100
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP101
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TMP100NA/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100NA/250 TI-TMP100NA/250 Datasheet
886Kb / 30P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250 TI2-TMP100NA/250 Datasheet
611Kb / 31P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
REVISED NOVEMBER 2015
TMP100NA/250G4 TI-TMP100NA/250G4 Datasheet
886Kb / 30P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Similar Description - TMP100NA/250

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com