Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB5000SHF Datasheet(PDF) 4 Page - 3M Electronics

Part # AB5000SHF
Description  3M??EMI Absorber AB5000SHF Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AB5000SHF Datasheet(HTML) 4 Page - 3M Electronics

  AB5000SHF Datasheet HTML 1Page - 3M Electronics AB5000SHF Datasheet HTML 2Page - 3M Electronics AB5000SHF Datasheet HTML 3Page - 3M Electronics AB5000SHF Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(4)
3M™ EMI Absorber AB5000SHF Series (Halogen Free)
Storage and Shelf Life
The shelf life of 3M™ EMI Absorber AB5000SHF Series is 12 months from the shipment date from the manufacturing
location when stored in original packaging at 21°C (70°F) and 50% relative humidity.
Regulatory
For regulatory information about this product, contact your 3M representative.
Technical Information
The technical information, recommendations and other statements contained in this document are based upon tests
or experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance
of a 3M product in a particular application. Given the variety of factors that can affect the use and performance of a 3M
product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose
and suitable for user’s method of application.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether
direct, indirect, special, incidental or consequential, regardless of the legal theory asserted, including warranty, contract,
negligence or strict liability.
Warranty, Limited Remedy, and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product literature,
3M warrants that each 3M product meets the applicable 3M product specification at the time 3M ships the product.
3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED
WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. If the 3M product
does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product
or refund of the purchase price.
Safety Data Sheet
Please consult the product Safety Data Sheet before use.
3M is a trademark of 3M Company.
Please recycle.
©3M 2014. All rights reserved.
60-5002-0713-3
Electronics Materials Solutions Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
1-800-251-8634 phone
651-778-4244 fax
www.3M.com/electronics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com