Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB5000SHF Datasheet(PDF) 3 Page - 3M Electronics

Part # AB5000SHF
Description  3M??EMI Absorber AB5000SHF Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AB5000SHF Datasheet(HTML) 3 Page - 3M Electronics

  AB5000SHF Datasheet HTML 1Page - 3M Electronics AB5000SHF Datasheet HTML 2Page - 3M Electronics AB5000SHF Datasheet HTML 3Page - 3M Electronics AB5000SHF Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3)
3M™ EMI Absorber AB5000SHF Series (Halogen Free)
3M™ EMI Absorber AB5000SHF Series Typical Properties (continued)
Note: The following technical information and data should be considered representative or typical only and should not
be used for specification purposes.
Attenuation
100
1000
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
6000
AB5010SHF
AB5020SHF
AB5030SHF
AB5050SHF
AB5100SHF
45
Frequency [MHz]
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
6000
AB5010SHF
AB5020SHF
AB5030SHF
AB5050SHF
AB5100SHF
45
Frequency [MHz]
100
1000
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
6000
AB5010SHF
AB5020SHF
AB5030SHF
AB5050SHF
AB5100SHF
45
Frequency [MHz]
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
6000
AB5010SHF
AB5020SHF
AB5030SHF
AB5050SHF
AB5100SHF
45
Frequency [MHz]
Power Loss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com