Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2808 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2808
Description  5W HIGH POWER HBLED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2808 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2808 Datasheet HTML 1Page - Diodes Incorporated PAM2808 Datasheet HTML 2Page - Diodes Incorporated PAM2808 Datasheet HTML 3Page - Diodes Incorporated PAM2808 Datasheet HTML 4Page - Diodes Incorporated PAM2808 Datasheet HTML 5Page - Diodes Incorporated PAM2808 Datasheet HTML 6Page - Diodes Incorporated PAM2808 Datasheet HTML 7Page - Diodes Incorporated PAM2808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PAM2808
Document number: DS36402 Rev. 2 - 2
2 of 8
www.diodes.com
September 2015
© Diodes Incorporated
PAM2808
Pin Description
Pin Number
Pin
Name
Function
1
NC
Not Connected
2
VIN
Input Voltage
3
EN
Enabled
4
GND
Ground
5
NC
Not Connected
6
FB
Feedback
7
VOUT
Output Voltage
8
NC
Not Connected
Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Pin Voltage
6.5
V
EN, FB VOUT Pin Voltage
-0.3 to VIN +0.3
Maximum Output Current
PD/(VIN – VO)
—
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+150
Lead Soldering Temperature
+300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com