Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2808 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2808
Description  5W HIGH POWER HBLED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2808 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2808 Datasheet HTML 1Page - Diodes Incorporated PAM2808 Datasheet HTML 2Page - Diodes Incorporated PAM2808 Datasheet HTML 3Page - Diodes Incorporated PAM2808 Datasheet HTML 4Page - Diodes Incorporated PAM2808 Datasheet HTML 5Page - Diodes Incorporated PAM2808 Datasheet HTML 6Page - Diodes Incorporated PAM2808 Datasheet HTML 7Page - Diodes Incorporated PAM2808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PAM2808
Document number: DS36402 Rev. 2 - 2
3 of 8
www.diodes.com
September 2015
© Diodes Incorporated
PAM2808
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Maximum Supply Voltage
6
V
Junction Temperature Range
-40 to +125
°C
Ambient Temperature Range
-40 to +85
Thermal Information
Parameter
Symbol
Package
Max
Unit
Thermal Resistance (Junction to Case)
JC
SO-8EP (Type B)
11
°C/W
Thermal Resistance (Junction to Ambient)
JA
SO-8EP (Type B)
90
Electrical Characteristics (@TA = +25°C, VIN = 4.5V, CIN = 4.7µF, CO = 4.7µF, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
6.0
V
FB Reference Voltage
VREF
0.1
V
Output Current
IO
RS = 0.3Ω
333
mA
RS = 0.14Ω
700
RS = 0.1Ω
1000
RS = 0.067Ω
1500
Over Temperature Shutdown
OTS
+150
°C
Over Temperature Hysteresis
OTH
+40
°C
EN Input High Threshold
VEH
VIN = 2.5V to 5V
1.5
V
EN Input Low Threshold
VEL
VIN = 2.5V to 5V
0.3
V
Shutdown Current
ISD
VEN = 0V
1
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com