Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1356QDACTC Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXLD1356QDACTC
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QDACTC Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXLD1356QDACTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
20 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Application Information (Cont.)
VIN Capacitor Selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in series with the supply source impedance and
lowers overall efficiency. This capacitor has to supply the relatively high peak current to the coil and smooth the current ripple on the input
supply.
To avoid transients into the IC, the size of the input capacitor will depend on the VIN voltage:
VIN = 6 to 40V
CIN = 2.2µF
VIN = 40 to 50V
CIN = 4.7µF
VIN = 50 to 60V
CIN = 10µF
When the input voltage is close to the output voltage, the input current increases which places more demand on the input capacitor. The
minimum value of 2.2µF may need to be increased to 4.7µF; higher values will improve performance at lower input voltages, especially when the
source impedance is high. The input capacitor should be placed as close as possible to the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better dielectric is recommended. Capacitors with Y5V
dielectric are not suitable for decoupling in this application and should NOT be used.
When higher voltages are with CIN = 10µF, an electrolytic capacitor can be used provided that a suitable 1mF ceramic capacitor is also used and
positioned as close to the VIN pin as possible.
A suitable capacitor would be NACEW100M1006.3x8TR13F (NIC Components).
The following web sites are useful when finding alternatives:
www.murata.com
www.niccomp.com
www.kemet.com
Inductor Selection
Recommended inductor values for the ZXLD1356Q are in the range 68 µH to 220 µH.
Higher values of inductance are recommended at higher supply voltages in order to minimize errors due to switching delays, which result in
increased ripple and lower efficiency. Higher values of inductance also result in a smaller change in output current over the supply voltage range.
(see graphs on Pages 10-16). The inductor should be mounted as close to the device as possible with low resistance connections to the LX and
VIN pins.
The chosen coil should have a saturation current higher than the peak output current and a continuous current rating above the required mean
output current.
Suitable coils for use with the ZXLD1356Q may be selected from the MSS range manufactured by Coilcraft, or the NPIS range manufactured by
NIC components. The following websites may be useful in finding suitable components.
www.coilcraft.com
www.niccomp.com
www.wuerth-elektronik.de
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times within the specified limits over the supply voltage
and load current range.
Figures 3 and 4 (following) can be used to select a recommended inductor based on maintaining the ZXLD1356Q case temperature below
+60°C for the different package types. For detailed performance characteristics for the inductor values 68, 100, 150 and 220µH, see graphs on
Pages 10-16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com