Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1356QDACTC Datasheet(PDF) 24 Page - Diodes Incorporated

Part # ZXLD1356QDACTC
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QDACTC Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button ZXLD1356QDACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 28Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
24 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Application Information (Cont.)
Dimming Output Current Using PWM
Low Frequency PWM Mode
When the ADJ pin is driven with a low frequency PWM signal (e.g. 100Hz), with a high level voltage VADJ and a low level of zero, the output of
the internal low pass filter will swing between 0V and VADJ, causing the input to the shutdown circuit to fall below its turn-off threshold (200mV
nom) when the ADJ pin is low. This will cause the output current to be switched on and off at the PWM frequency, resulting in an average output
current IOUTavg proportional to the PWM duty cycle. (See Figure 4 - Low frequency PWM Operating Waveforms).
Figure 4 Low Frequency PWM Operating Waveforms
The average value of output current in this mode is given by:
S
PWM
OUTavg
R
D
2
.
0
I
for DPWM > 0.001
This mode is preferable if optimum LED 'whiteness' is required. It will also provide the widest possible dimming range (approx. 1000:1) and
higher efficiency at the expense of greater output ripple.
Open and Shorted LED Protection
The ZXLD1356Q has by default open LED protection. If the LEDs should become open circuit the ZXLD1356Q will stop oscillating;
The SET pin will rise to VIN and the SW pin will then fall to GND.
No excessive voltages will be seen by the ZXLD1356Q.
If the LEDs should become shorted together the ZXLD1356Q will continue to switch, however, the duty cycle at which it will operate will
change dramatically and the switching frequency will most likely decrease.
The on-time of the internal power MOSFET switch will be significantly reduced because almost all of the input voltage is now
developed across the inductor.
The off-time will be significantly increased because the reverse voltage across the inductor is now just the Schottky diode voltage
(see Figure 20) causing a much slower decay in inductor current.
During LED-shorted condition the inductor current will remain within its controlled levels and no excessive heat will be generated
within the ZXLD1356Q.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com