Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8225 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT8225
Description  Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8225 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT8225 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VIA Technologies, Inc.
VT8225
-3-
TS
S0
S1
PD
VSS
VDD
S2
S3
MCLK2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
X1
X2
OSC
AVSS
RESET
Figure 1: Connection Diagram for Plastic Dip or SOIC Package
MAXIMUM RATINGS
Voltage relative to VSS :.................-0.3V TO 7V
Voltage relative to VDD:.................0.3V
Storage temperature:........................-65oC to 150oC
Ambient temperature: ......................-55oC to +125oC
Recommended Operating Range: ....4V - 7V
This device contains circuitry to protect the inputs against damage due to high static voltages or
electric field; however, precautions should be taken to avoid application of any voltage higher than the
maximum rated voltages to this circuit. For proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD
Unused inputs must always be tied to an appropriate logic voltage level (either VSS or VDD).
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Units
Input Low Voltage
VIL
-
-
0.8
Vdc
Input High Voltage
VIH
2.0
-
-
Vdc
Input Low Current
IIL
--
5
µA
With Pull-up or Pull-down
+ 50
Input High Current
IIH
--
5
µA
With Pull-up or Pull-down
+ 50
Output Low Voltage
IOL = 12mA
VOL
-
-
0.4
Vdc
Output High Voltage
IOH = 12mA
VOH
2.4
-
-
Vdc
Tri-State Leakage Current
IOZ
--
10
µA
Static Supply Current
IDD
--
10
µA
Dynamic Supply Current
ICC
--
35
mA
Short Circuit Current
ISC
25
-
mA
VDD = 5V + 10%, TA = -40oC to +85oC, CL = 50pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com